Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA3683AIN Datasheet(PDF) 16 Page - Intersil Corporation

Part # HFA3683AIN
Description  2.4GHz RF/IF Converter and Synthesizer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3683AIN Datasheet(HTML) 16 Page - Intersil Corporation

Back Button HFA3683AIN Datasheet HTML 9Page - Intersil Corporation HFA3683AIN Datasheet HTML 10Page - Intersil Corporation HFA3683AIN Datasheet HTML 11Page - Intersil Corporation HFA3683AIN Datasheet HTML 12Page - Intersil Corporation HFA3683AIN Datasheet HTML 13Page - Intersil Corporation HFA3683AIN Datasheet HTML 14Page - Intersil Corporation HFA3683AIN Datasheet HTML 15Page - Intersil Corporation HFA3683AIN Datasheet HTML 16Page - Intersil Corporation HFA3683AIN Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
2-16
FIGURE 20. LNA LOW GAIN vs SUPPLY VOLTAGE
FIGURE 21. LNA LOW GAIN vs SUPPLY VOLTAGE
FIGURE 22. RX MIXER GAIN AND SSB NOISE FIGURE vs
SUPPLY VOLTAGE
FIGURE 23. RX MIXER GAIN AND SSB NOISE FIGURE vs
SUPPLY VOLTAGE
Typical Performance Curves (Continued)
2.5GHz
3.3V
2.7V
TEMP = 125oC
GAIN -16.7dB AT 2.7V, -15.0dB AT 3.3V
2.4GHz
GAIN 6dB/DIV
2.4GHz
2.5GHz
TEMP = -40oC
2.7V
3.3V
GAIN 6dB/DIV
GAIN -13.3dB AT 2.7V, -12.7dB AT 3.3V
2.7V
2.7V
3.3V
TEMP = 125oC
GAIN 6dB/DIV
NF 3dB/DIV
GAIN AT CURSOR 7.5dB AT 2.7V, 7.6dB AT 3.3V
NOISE FIGURE AT CURSOR 8.7dB AT 2.7V, 8.4dB AT 3.3V
RF 2.4GHz
IF 300MHz
RF 2.5GHz
IF 400MHz
3.3V
3.3V
TEMP = -40oC
3.3V
2.7V
2.7V
GAIN AT CURSOR 9.5dB AT 2.7V, 9.6dB AT 3.3V
NOISE FIGURE AT CURSOR 7.0dB AT 2.7V, 6.9dB AT 3.3V
RF 2.4GHz
IF 300MHz
RF 2.5GHz
IF 400MHz
GAIN 6dB/DIV
NF 3dB/DIV
HFA3683A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com