Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS82527 Datasheet(PDF) 5 Page - Intel Corporation

Part # AS82527
Description  SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AS82527 Datasheet(HTML) 5 Page - Intel Corporation

  AS82527 Datasheet HTML 1Page - Intel Corporation AS82527 Datasheet HTML 2Page - Intel Corporation AS82527 Datasheet HTML 3Page - Intel Corporation AS82527 Datasheet HTML 4Page - Intel Corporation AS82527 Datasheet HTML 5Page - Intel Corporation AS82527 Datasheet HTML 6Page - Intel Corporation AS82527 Datasheet HTML 7Page - Intel Corporation AS82527 Datasheet HTML 8Page - Intel Corporation AS82527 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
82527
Pin Name
Pin Type
Pin Description
AD0A0ICP
IO-I-I
AddressData bus in 8-bit multiplexed mode
AD1A1CP
IO-I-I
Address bus in 8-bit non-multiplexed mode
AD2A2CSAS
IO-I-I
Low byte of AD bus in 16-bit multiplexed mode
AD3A3STE
IO-I
In Serial Interface mode the following pins have the following meaning
AD4A4MOSI
IO-I-I
AD0
ICP
Idle Clock Polarity
AD5A5
IO-I
AD1
CP
Clock Phase
AD6A6SCLK
IO-I-I
AD2
CSAS
Chip Select Active State
AD7A7
IO-I
AD3
STE
Sync Transmit Enable
AD6
SCLK
Serial Clock Input
AD4
MOSI
Serial Data Input
AD8D0P10
IO-O-IO
High byte of AD bus in 16-bit multiplexed mode
AD9D1P11
IO-O-IO
Data bus in 8-bit non-multiplexed mode
AD10D2P12
IO-O-IO
Low speed IO port P1 pins in 8-bit multiplexed mode and serial mode
Port pins have weak pullups until the port is configured by writing to 9FH
AD11D3P13
IO-O-IO
and AFH
AD12D4P14
IO-O-IO
AD13D5P15
IO-O-IO
AD14D6P16
IO-O-IO
AD15D7P17
IO-O-IO
P20
IO
P2 in all modes
P21
IO
P26 is INT
when MUX e 1 and is open-drain
P22
IO
P27 is WRH
in 16-bit multiplexed mode
P23
IO
P24
IO
P25
IO
P26INT
IO-O
P27WRH
IO-I
Mode0
I
These pins select one of the four parallel interfaces These pins are
weakly held low during reset
Mode1
I
Mode1
Mode0
0
0
8-bit multiplexed
Intel
0
0
Serial Interface mode entered when RD
e
0
WR
e
0 upon reset
0
1
16-bit multiplexed
Intel
1
0
8-bit multiplexed
non-Intel
1
1
8-bit non-multiplexed
ALEAS
I-I
ALE used for Intel modes
AS used for non-Intel modes except Mode 3 this pin must be tied high
RD
IRD
used for Intel modes
E
I
E used for non-Intel modes except Mode 3 Asynchronous this pin must
be tied high
WR
WRL
IWR
in 8-bit Intel mode and WRL
in 16-bit Intel mode
RW
I
RW
used for non-Intel modes
READY
O
READY is an output to synchronize accesses from the host
microcontroller to the 82527 READY is an open-drain output to the host
MISO
O
microcontroller MISO is the serial data output for the serial interface
mode
DSACK0
O
DSACK0
is an open-drain output to synchronize accesses from the host
microcontroller to the 82527
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com