Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS82527 Datasheet(PDF) 22 Page - Intel Corporation

Part # AS82527
Description  SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AS82527 Datasheet(HTML) 22 Page - Intel Corporation

Back Button AS82527 Datasheet HTML 14Page - Intel Corporation AS82527 Datasheet HTML 15Page - Intel Corporation AS82527 Datasheet HTML 16Page - Intel Corporation AS82527 Datasheet HTML 17Page - Intel Corporation AS82527 Datasheet HTML 18Page - Intel Corporation AS82527 Datasheet HTML 19Page - Intel Corporation AS82527 Datasheet HTML 20Page - Intel Corporation AS82527 Datasheet HTML 21Page - Intel Corporation AS82527 Datasheet HTML 22Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
82527
14 The timing diagrams for 8-Bit16-Bit Multiplexed
Intel Modes (Modes 01) have been changed to
show ALE rising before CS
falls
15 The following AC Characteristics for 8-Bit Mul-
tiplexed Non-Intel Modes (Modes 2) have been
changed
a 1tMCLK has been increased to 8 MHz from
5 MHz
b tSLAX has been decreased to 20 ns from
225 ns
c tEVDV has been decreased to (2 4) tMCLK a
100 ns from (2 4) tMCLK a 145 ns
d tELDV minimum has been decreased to
tMCLK from tMCLK a 100 ns
e tELDV maximum has been increased to
2tMCLK a 500 ns from 2 tMCLK a 100 ns
f tEHEL for registers except 02H 04H 05H
has been renamed to tELEL and the specifi-
cation has been decreased to 2 tMCLK a
145 ns from 4 tMCLK a 145 ns
g tSLEH has been increased to 20 ns from 0
ns
h tCLSL has been added
i tELCH has been added
j The following definition was added for a
‘‘read cycle without a previous write’’ The
time between the falling edge of E (for the
previous write cycle) and the rising edge of
E (for the current read cycle) is greater than
2tMCLK
k The following definition was added for a
‘‘write cycle with a previous write’’ The time
between the falling edge of E (for the previ-
ous write cycle) and the next falling edge of
E (for the current write cycle) is less than
2tMCLK
16 The following AC Characteristics for 8-Bit Non-
Multiplexed Asynchronous Mode (Mode 3) have
been changed
a 1tMCLK has been increased to 8 MHz from
5 MHz
b tCLDV has been decreased for low speed
registers to (2 4) tMCLK a 100 ns from
(2 4) tMCLK a 145 ns
c tCHKH comment ‘‘with 33 KX Pullup and
100 pF Load’’ has been removed since
tCHKH is tested with a current source
d tCLKL for a Write Access with a Previous
Write has been renamed to tCHKL
e The note ‘‘E and AS must be tied high in this
mode’’ has been added
f The following definition was added for a
‘‘read cycle without a previous write’’ The
time between the rising edge of CS
(for
the previous write cycle) and the falling edge
of CS
(for the current read cycle) is great-
er than 2 tMCLK
g The following definition was added for a
‘‘write cycle with a previous write’’ The time
between the rising edge of CS
(for the pre-
vious write cycle) and the next rising edge of
CS
(for the current write cycle) is less than
2tMCLK
17 The following AC Characteristics for 8-Bit Non-
Multiplexed Synchronous Mode (Mode 3) have
been changed
a 1tMCLK has been increased to 8 MHz from
5 MHz
b tELDZ minimum has been removed
c tAVCL has been added
d tCHAI has been added
e The following definition was added for a
‘‘read cycle without a previous write’’ The
time between the falling edge of E (for the
previous write cycle) and the rising edge of
E (for the current read cycle) is greater than
2tMCLK
f The following definition was added for a
‘‘write cycle with a previous write’’ The time
between the falling edge of E (for the previ-
ous write cycle) and the next falling edge of
E (for the current write cycle) is less than
2tMCLK
18 The following AC Characteristics for Serial In-
terface Mode have been changed
a tSKHI has been decreased to 84 ns from
119 ns
b tSKLO has been decreased to 84 ns from
119 ns
c tPDO has been decreased to 59 ns from
84 ns
d tSETUP has been decreased to 35 ns from
59 ns
e tHOLD has been decreased to 84 ns from
109 ns
19 The note in the AC Testing Input diagram refer-
enced VOH was previously named VIH
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com