Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS2572 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS2572
Description  User-Programmable Dual High-Performance Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2572 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS2572 Datasheet HTML 2Page - Integrated Circuit Systems ICS2572 Datasheet HTML 3Page - Integrated Circuit Systems ICS2572 Datasheet HTML 4Page - Integrated Circuit Systems ICS2572 Datasheet HTML 5Page - Integrated Circuit Systems ICS2572 Datasheet HTML 6Page - Integrated Circuit Systems ICS2572 Datasheet HTML 7Page - Integrated Circuit Systems ICS2572 Datasheet HTML 8Page - Integrated Circuit Systems ICS2572 Datasheet HTML 9Page - Integrated Circuit Systems ICS2572 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
External Reference Sources
An external frequency source may be used as the reference for
the VCLK and MCLK PLLs. To implement this, simply con-
nect the reference frequency source to the XTAL1 pin of the
ICS2572. For best results, insure that the clock edges are as
clean and fast as possible and that the input voltage thresholds
are not violated.
Power Supply
The ICS2572 has two VSS pins to reduce the effects of package
inductance. Both pins are connected to the same potential on
the die (the ground bus). BOTH of these pins should connect
to the ground plane of the video board as close to the package
as is possible.
The ICS2572 has a VDD pin which is the supply of +5 volt
power to all output stages. This pin should be connected to the
power plane (or bus) using standard high-frequency decou-
pling practice. That is, use low-capacitors should have low
series inductance and be mounted close to the ICS2572.
The VAA pin is the power supply for the synthesizer circuitry
and other lower current digital functions. We recommend that
RC decoupling or zener regulation be provided for this pin (as
shown in the recommended application circuitry). This will
allow the PLL to “track” through power supply fluctuations
without visible effects.
ICS2572
E-100



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com