Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS2572 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS2572
Description  User-Programmable Dual High-Performance Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2572 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS2572 Datasheet HTML 1Page - Integrated Circuit Systems ICS2572 Datasheet HTML 2Page - Integrated Circuit Systems ICS2572 Datasheet HTML 3Page - Integrated Circuit Systems ICS2572 Datasheet HTML 4Page - Integrated Circuit Systems ICS2572 Datasheet HTML 5Page - Integrated Circuit Systems ICS2572 Datasheet HTML 6Page - Integrated Circuit Systems ICS2572 Datasheet HTML 7Page - Integrated Circuit Systems ICS2572 Datasheet HTML 8Page - Integrated Circuit Systems ICS2572 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Digital Inputs
The FS0-FS3 pins and the STROBE pin are used to select the
desired operating frequency of the VCLK output from the 16
pre-programmed/user-programmed selections in the ICS2572.
These pins are also used to load new frequency data into the
registers.
Available configurations for the STROBE input include: posi-
tive-edge triggered, negative-edge triggered, high-level trans-
parent, and low-level transparent (see Ordering Information).
VCLK Output Frequency Selection
To change the VCLK output frequency, simply write the ap-
propriate data to the ICS2572 FS inputs. Do not perform any
further writes to the device for 50 milliseconds (assumes a
14.318 MHz reference). The synthesizer will output the new
frequency programmed into that location after a brief delay
(see timeout specifications).
MCLK Output Frequency Selection
The MS0-MS1 pins are used to directly select the desired
operating frequency of the MCLK output from the four pre-
programmed/user-programmed selections in the ICS2572.
These inputs are not latched, nor are they involved with mem-
ory programming operations.
Programming Mode Selection
A programming sequence is defined as a period of at least 50
milliseconds of no data writes to the ICS2572 (to clear the shift
register) followed by a series of data writes (as shown here):
FS0
FS1
FS2
FS3
XX
START bit (must be “0”)
0
XX
”
1
XX
R/W* control
0
XX
”
1
XX
L0 (location LSB)
0
XX
”
1
XX
L1
0
XX
”
1
XX
L2
0
XX
”
1
XX
L3
0
XX
”
1
XX
L4 (location MSB)
0
XX
”
1
XX
N0 (feedback LSB)
0
XX
”
1
XX
N1
0
XX
”
1
XX
N2
0
XX
”
1
XX
N3
0
XX
”
1
XX
N4
0
XX
”
1
XX
N5
0
XX
”
1
XX
N6
0
XX
”
1
XX
N7 (feedback MSB)
0
XX
”
1
XX
EXTFREQ bit (selected if “1”)
0
XX
”
1
XX
D0 (post-divider LSB)
0
XX
”
1
XX
D1 (post-divider MSB)
0
XX
”
1
XX
STOP1 bit (must be “1”
0
XX
”
1
XX
STOP2 bit (must be “1”)
0
XX
”
1
ICS2572
E-97



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com