Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS1889 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS1889
Description  100Base-FX Integrated PHYceiverTM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1889 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS1889 Datasheet HTML 5Page - Integrated Circuit Systems ICS1889 Datasheet HTML 6Page - Integrated Circuit Systems ICS1889 Datasheet HTML 7Page - Integrated Circuit Systems ICS1889 Datasheet HTML 8Page - Integrated Circuit Systems ICS1889 Datasheet HTML 9Page - Integrated Circuit Systems ICS1889 Datasheet HTML 10Page - Integrated Circuit Systems ICS1889 Datasheet HTML 11Page - Integrated Circuit Systems ICS1889 Datasheet HTML 12Page - Integrated Circuit Systems ICS1889 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
9
ICS1889
Isolate (bit 10)
Setting this bit to a logic one causes the ICS1889 to isolate its
data paths from the MII. In this mode, sourced signals
(TXCLK, RXCLK, RXDV, RXER, RXD0-3, COL and CRS)
are in a high impedance state and input signals (TXD0-3,
TXEN and TXER) are ignored. The management interface is
unaffected by this command.
When the PHY address is set to 0, the device will power-up in
the isolated mode (bit 10=1). For all other addresses, the
default will be bit 10=0.
Restart Auto-Negotiation (bit 9)
This feature is not available with fiber optic solutions. This
bit is permanently set to a logic zero indicating that it is not
supported.
Duplex Mode (bit 8)
Setting this bit to a logic one causes the ICS1889 to operate in
the full duplex mode and setting this bit to a logic zero causes
it to operate in the half duplex mode. If the ICS1889 is
operating in loop back mode, this bit will have no effect on
the operation.
Collision Test (bit 7)
This command bit is used to test that the collision circuitry is
working when the ICS1889 is operating in the loop back
mode. Setting this bit to a logic one causes the ICS1889 to
assert the collision signal within 512 bit times of TXEN being
asserted and to de-assert it within 4-bit times of TXEN being
de-asserted. Setting this bit to a logic zero causes the
ICS1889 to operate in the normal mode.
Reserved (Bits 6 through 0)
These bits are reserved for future IEEE standards. When read,
logic zeroes are returned. Writing has no effect on ICS1889
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com