Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS1889 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS1889
Description  100Base-FX Integrated PHYceiverTM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1889 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS1889 Datasheet HTML 1Page - Integrated Circuit Systems ICS1889 Datasheet HTML 2Page - Integrated Circuit Systems ICS1889 Datasheet HTML 3Page - Integrated Circuit Systems ICS1889 Datasheet HTML 4Page - Integrated Circuit Systems ICS1889 Datasheet HTML 5Page - Integrated Circuit Systems ICS1889 Datasheet HTML 6Page - Integrated Circuit Systems ICS1889 Datasheet HTML 7Page - Integrated Circuit Systems ICS1889 Datasheet HTML 8Page - Integrated Circuit Systems ICS1889 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
2
ICS1889
Block Diagram
Introduction
The ICS1889 is a nibble to bit stream and bit stream to nibble
processor. When transmitting, it takes sequential nibbles
presented at the Media Independent Interface (MII) and
translates them to a serial bit stream for transmission on the
media. When receiving, it takes the serial bit stream from the
media and translates it to sequential nibbles for presentation
to the MII. It has no knowledge of the underlying structure of
the MAC frame it is conveying.
When transmitting, the ICS1889 encapsulates the MAC
frame (including the preamble) with the start-of-stream
(SSD) and end-of-stream (ESD) delimiters. When receiving,
it strips off the SSD and substitutes the normal preamble
pattern and then presents this and subsequent preamble
nibbles to the MII. When it encounters the ESD it ends the
presentation of nibbles to the MII. Thus, the MAC
reconciliation layer sees an exact copy of the transmitted
frame.
During periods when no frames are being transmitted or
received, there is a requirement to signal and detect the idle
condition. This allows the higher levels to determine the
integrity of the connection between the node and the hub. A
continuous stream of ones is transmitted to signify the idle
condition, the receive channel includes logic that monitors
the IDLE data stream to look for this pattern and thereby
establish the link integrity.
Functional Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com