| Electronic Components Datasheet Search |
|
STAC9708 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
STAC9708 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers |
|
18 / 56 page ![]() SigmaTel, Inc. Preliminary STAC9708/11 18 10/02/98 3.1.1.7 Slot 7: PCM Left Surround Channel Audio output frame slot 7 is the composite digital audio left surround stream. In the default state, the STAC9708/11 accepts PCM data from slots 7 and 8 for the surround DACs, for output to the DAC_OUT pins. As a programming option, PCM data from slots 7 and 8 may be used to supply data to the primary DACs when slots 6 and 9 are used to drive the surround DACs. Please refer to the register programming section for details on the multi-channel programming options. 3.1.1.8 Slot 8: PCM Right Surround Channel Audio output frame slot 8 is the composite digital audio right surround stream. In the default state, the STAC9708/11 accepts PCM data from slots 7 and 8 for the surround DACs, for output to the DAC_OUT pins. As a programming option, PCM data from slots 7 and 8 may be used to supply data to the primary DACs when slots 6 and 9 are used to drive the surround DACs. Please refer to the register programming section for details on the multi-channel programming options. 3.1.1.9 Slot 9: PCM Low Frequency Channel Audio output frame slot 9 is the composite digital audio low frequency stream used in a multi- channel application where the STAC9708/11 is programmed to accept the primary DAC PCM data from slots 6 and 9. As a programming option, PCM data from slots 6 and 9 may be used to supply data to the surround DACs when slots 7 and 8 are used to drive the primary DACs. Please refer to the register programming section for details on the multi-channel programming options. 3.1.1.10 Slot 10: PCM Alternate Left Audio output frame slot 10 is the composite digital audio alternate left stream used in a multi- channel application where the STAC9708/11 is programmed to accept the primary DAC PCM data from slots 6 and 9. Please refer to the register programming section for details on the multi channel programming options. 3.1.1.11 Slot 11: PCM Alternate Right Audio output frame slot 11 is the composite digital audio alternate right stream used in a multi-channel application where the STAC9708/11 is programmed to accept the primary DAC PCM data from slots 6 and 9. Please refer to the register programming section for details on the multi channel programming options. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |