Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSL21083AT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SSL21083AT
Description  Compact non-dimmable LED driver IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21083AT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SSL21083AT Datasheet HTML 5Page - NXP Semiconductors SSL21083AT Datasheet HTML 6Page - NXP Semiconductors SSL21083AT Datasheet HTML 7Page - NXP Semiconductors SSL21083AT Datasheet HTML 8Page - NXP Semiconductors SSL21083AT Datasheet HTML 9Page - NXP Semiconductors SSL21083AT Datasheet HTML 10Page - NXP Semiconductors SSL21083AT Datasheet HTML 11Page - NXP Semiconductors SSL21083AT Datasheet HTML 12Page - NXP Semiconductors SSL21083AT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
SSL21083AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 6 — 4 October 2013
9 of 22
NXP Semiconductors
SSL21083AT
Compact non-dimmable LED driver IC
8.3.5 Brownout protection
Brownout protection is designed to limit the lamp power when the input voltage drops
close to the output voltage level. The input power has to remain constant. The input
current would otherwise increase to a level that is too high for the input circuitry. For the
SSL21083AT, there is a maximum limit on the on-time ton(high). The rate of current rise in
the coil during the on-phase is proportional to the difference between input voltage and
output voltage. Therefore, the peak current cannot be reached before ton(high). As a result
the average output current to the LEDs is reduced.
8.3.6 Output Short-circuit Protection (OSP)
During the secondary stroke (switch-off time), if a valley is not detected within the off-time
limit (toff(high)), then typically the output voltage is less than the minimum limit allowed in
the application. This condition can occur either during start-up or due to a short-circuit. A
timer tdet(sc) is started when toff(high) is detected. Timer tdet(sc) is reset when a valid valley
detection occurs in one of the subsequent cycles or when VCC drops to below VCC(stop).
The timer can also be reset if the maximum limit on the on-time of the switch (ton(high)) is
reached, which is usually the case at start-up (brownout protection). If no valley is
detected and (ton(high)) is not reached before tdet(sc), then it is concluded that a real
short-circuit exists. The IC enters latched protection. If VCC drops to below VCC(rst), the IC
resets the latched protection mode (see Figure 5).
Fig 5.
OSP logic diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com