| Electronic Components Datasheet Search |
|
SSL21083AT Datasheet(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SSL21083AT Datasheet(HTML) 8 Page - NXP Semiconductors |
|
8 / 23 page ![]() SSL21083AT All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 6 — 4 October 2013 8 of 22 NXP Semiconductors SSL21083AT Compact non-dimmable LED driver IC 8.3 Protective features The IC has the following protective features: • UnderVoltage LockOut (UVLO) • Leading-Edge Blanking (LEB) • OverCurrent Protection (OCP) • Internal OverTemperature Protection (OTP) • Brownout protection • Output Short Protection (OSP) • LED overtemperature control and protection The OSP is a latched protection. It causes the IC to halt until a reset (a result of power cycling) is executed. When VCC drops to below VCC(rst), the IC resets the latch protection mode. The internal OTP and LED overtemperature protections are safe-restart protections. The IC halts, causing VCC to drop to below VCC(stop), triggering a start-up. When VCC drops to below VCC(rst), the IC resets the latch protection mode. Switching starts only when a no fault condition exists. 8.3.1 UnderVoltage LockOut (UVLO) When the voltage on the VCC pin drops to below VCC(stop), the IC stops switching. An attempt is made to restart by supplying VCC from the HV pin voltage. 8.3.2 Leading-Edge Blanking (LEB) To prevent false detection of overcurrent, a blanking time following switch-on is implemented. When the internal MOSFET switch switches on, there can be a short current spike due to capacitive discharge of voltage over the drain and source and the charging of the gate to source capacitance. During the LEB time (t leb), the spike is disregarded. 8.3.3 OverCurrent Protection (OCP) The SSL21083AT contain a highly accurate built-in peak current detector. It triggers when the voltage at the SOURCE pin reaches the peak-level Vth(ocp)SOURCE. The current through the switch is sensed using a resistor connected to the SOURCE pin. The sense circuit is activated following LEB time tleb. As the LED current is half the peak current (by design), it automatically provides protection for maximum LED current during operation. There is a propagation delay (td(ocp-swoff)) between the overcurrent detection and the actual switching off of the switch. Due to the delay, the actual peak current is slightly higher than the OCP level set by the resistor in series to the SOURCE pin. 8.3.4 OverTemperature Protection (OTP) When the internal OTP function is triggered at a certain IC temperature (Tth(act)otp), the converter stops operating. The safe-restart protection is triggered and the IC restarts with switching resuming when the IC temperature drops lower than Tth(rel)otp. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |