Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSL21081AT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SSL21081AT
Description  Compact non-dimmable LED driver IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21081AT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SSL21081AT Datasheet HTML 4Page - NXP Semiconductors SSL21081AT Datasheet HTML 5Page - NXP Semiconductors SSL21081AT Datasheet HTML 6Page - NXP Semiconductors SSL21081AT Datasheet HTML 7Page - NXP Semiconductors SSL21081AT Datasheet HTML 8Page - NXP Semiconductors SSL21081AT Datasheet HTML 9Page - NXP Semiconductors SSL21081AT Datasheet HTML 10Page - NXP Semiconductors SSL21081AT Datasheet HTML 11Page - NXP Semiconductors SSL21081AT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SSL21081AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 6 — 3 October 2013
8 of 21
NXP Semiconductors
SSL21081AT
Compact non-dimmable LED driver IC
8.3 Protective features
The IC has the following protective features:
• UnderVoltage LockOut (UVLO)
• Leading-Edge Blanking (LEB)
• OverCurrent Protection (OCP)
• Internal OverTemperature Protection (OTP)
• Brownout protection
• Output Short Protection (OSP)
• LED overtemperature control and protection
The OSP is a latched protection. This protection causes the IC to halt until a reset (a result
of power cycling) is executed. When VCC drops to below VCC(rst), the IC resets the latch
protection mode. The internal OTP and LED overtemperature protections are safe-restart
protections. The IC halts, causing VCC to drop to below VCC(stop), triggering a start-up.
When VCC drops to below VCC(rst), the IC resets the latch protection mode. Switching
starts only when a no fault condition exists.
8.3.1 UnderVoltage LockOut (UVLO)
When the voltage on the VCC pin drops to below VCC(stop), the IC stops switching. An
attempt is made to restart by supplying VCC from the HV pin voltage.
8.3.2 Leading-Edge Blanking (LEB)
To prevent false detection of overcurrent, a blanking time following switch-on is
implemented. When the internal MOSFET switch switches on, there can be a short
current spike due to capacitive discharge of voltage over the drain and source and the
charging of the gate to source capacitance. During the LEB time (tleb), the spike is
disregarded.
8.3.3 OverCurrent Protection (OCP)
The SSL21081AT contains a highly accurate built-in peak current detector. It triggers
when the voltage at the SOURCE pin reaches the peak-level Vth(ocp)SOURCE. The current
through the switch is sensed using a resistor connected to the SOURCE pin. The sense
circuit is activated following LEB time tleb. As the LED current is half the peak current (by
design), it automatically provides protection for maximum LED current during operation.
There is a propagation delay (td(ocp-swoff)) between the overcurrent detection and the
actual switching off of the switch. Due to the delay, the actual peak current is slightly
higher than the OCP level set by the resistor in series to the SOURCE pin.
8.3.4 OverTemperature Protection (OTP)
When the internal OTP function is triggered at a certain IC temperature (Tth(act)otp), the
converter stops operating. The safe-restart protection is triggered and the IC restarts with
switching resuming when the IC temperature drops lower than Tth(rel)otp.
8.3.5 Brownout protection
Brownout protection is designed to limit the lamp power when the input voltage drops
close to the output voltage level. The input power has to remain constant. The input
current would otherwise increase to a level that is too high for the input circuitry. For the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com