Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSL21081AT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SSL21081AT
Description  Compact non-dimmable LED driver IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21081AT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SSL21081AT Datasheet HTML 3Page - NXP Semiconductors SSL21081AT Datasheet HTML 4Page - NXP Semiconductors SSL21081AT Datasheet HTML 5Page - NXP Semiconductors SSL21081AT Datasheet HTML 6Page - NXP Semiconductors SSL21081AT Datasheet HTML 7Page - NXP Semiconductors SSL21081AT Datasheet HTML 8Page - NXP Semiconductors SSL21081AT Datasheet HTML 9Page - NXP Semiconductors SSL21081AT Datasheet HTML 10Page - NXP Semiconductors SSL21081AT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
SSL21081AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 6 — 3 October 2013
7 of 21
NXP Semiconductors
SSL21081AT
Compact non-dimmable LED driver IC
8.2 Valley detection
A new cycle is started when the primary switch is switched on (see Figure 4). Following
time t1, when the peak current is detected on the SOURCE pin, the switch is turned off
and the secondary stroke starts (3). When the secondary stroke is complete and the coil
current at t3 equals zero, the drain voltage starts to oscillate around the VIN  VOUT level.
The amplitude equals VOUT. A special feature, called valley detection is an integrated part
of the SSL21081AT circuitry. Dedicated built-in circuitry connected to the DRAIN pin,
senses when the voltage on the drain of the switch has reached its lowest value. The next
cycle is then started and as a result the capacitive switching losses are reduced.
If both the frequency of the oscillations and the voltage swing are within the range
specified (fring and ∆Vvrec(min)) for detection, a valley is detected and accepted. If a valid
valley is not detected, the secondary stroke is continued until the maximum off-time
(toff(high)) is reached. Then the next cycle is started.
Fig 4.
Buck waveforms and valley detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com