Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M22-R10K Datasheet(PDF) 75 Page - List of Unclassifed Manufacturers

Part # M22-R10K
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-R10K Datasheet(HTML) 75 Page - List of Unclassifed Manufacturers

Back Button M22-R10K Datasheet HTML 71Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 72Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 73Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 74Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 75Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 76Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 77Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 78Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 79Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 89 page
background image
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
75
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4
Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Approximate dimensions in Inches (mm).
Grid Dimension to IEC/EN 60947
Grid Dimension for Various Combinations
Pushbutton Diaphragm
Grid Dimension for M22-DD…
Grid Dimension for M22-DDL…
Emergency Stop Sealing Cover
1.18 (30)
A
Pushbutton diaphragm cannot be combined with label mount.
Catalog Number
A
≥
B
≥
M22(S)-…(IEC/EN 60947)
1.18 (30.0)
1.97 (50.0)
RMQ-Titan min.
1.18 (30.0)
1.58 (40.0)
M22-D… + M22-T-D
1.30 (33.0)
1.58 (40.0)
M22-D(R)P…
1.50 (38.0)
1.58 (40.0)
M22-PV…
1.50 (38.0)
1.58 (40.0)
M22-PV(L) + M22-PL-PV
1.89 (48.0)
2.20 (56.0)
M22-PV(L)(S…) + M22-D…
1.30 (33.0)
1.58 (40.0)
M22-DDL…
1.18 (30.0)
2.17 (55.0)
M22-DDL… + M22-T-DD
1.30 (33.0)
2.28 (58.0)
M22-ST…
1.18 (30.0)
1.97 (50.0)
M22-STDD…
1.18 (30.0)
2.95 (75.0)
M22-CK…
1.18 (30.0)
1.77 (45.0)
M22-CLED…
1.18 (30.0)
1.77 (45.0)
M22-XAK…
3.54 (90.0)
3.54 (90.0)
M22-XZK…
1.30 (33.0)
2.04 (52.0)
M22-XBK…
2.36 (60.0)
2.36 (60.0)
M22-XYK…
1.97 (50.0)
1.97 (50.0)
M22-D4
2.17 (55.0)
2.17 (55.0)
M22-WR…4
1.97 (50.0)
1.97 (50.0)
M22-W…J4
1.97 (50.0)
1.97 (50.0)
1.18 (30)
a 1.18 (30)
Pushbutton
Diaphragm
M22-T-DD
Pushbutton diaphragm cannot be combined with label mount.
1.26 (32)
M22-PL-PV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com