| Electronic Components Datasheet Search |
|
M22-R10K Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
M22-R10K Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers |
|
64 / 89 page ![]() 64 Pushbuttons and Indicating Lights CA04716001E—March 2009 www.eaton.com 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47.4 Pushbuttons and Indicating Lights M22 Modular Pushbuttons Surface Mounting Enclosures Flush Mounting Plates, Aluminum Shrouds, Plastic Selector Switch Accessories Emergency Stop Operator Accessories Blanking Plugs Notes Plunger needed to actuate center-mounted contact blocks. Used for non-illuminated 3-position selector switches only. Enables a keyed selector switch to be set to user-selected key withdraw position. Discount Symbol: 1CD1. Description Catalog Number Price U.S. $ Yellow Top, Black Base for Emergency-Stop Operators M22-IY1-PG 63.50 1 Element Enclosure M22-I1-PG 59.00 2 Element Enclosure M22-I2-PG 64.00 3 Element Enclosure M22-I3-PG 70.00 4 Element Enclosure M22-I4-PG 78.00 6 Element Enclosure M22-I6-PG 92.50 M20 Connecting Screw M22-XI 8.00 M20 Cord Grip V-M20 8.00 Finish Rating Catalog Number Price U.S. $ 1 Hole Yellow Paint for Emergency-Stop Operators — M22-EY1 39.00 Gray Anodized IP65 M22-E1 35.00 2 Holes Gray Anodized IP65 M22-E2 46.00 3 Holes Gray Anodized IP65 M22-E3 51.00 4 Holes Gray Anodized IP65 M22-E4 66.00 5 Holes Gray Anodized IP65 M22-E5 78.00 6 Holes Anodized IP40 M22-E6 94.00 Description Rating Catalog Number Price U.S. $ 1-Element IP55 M22-H1 12.00 2-Element IP55 M22-H2 25.00 3-Element IP55 M22-H3 39.00 4-Element IP40 M22-H4 53.00 5-Element IP40 M22-H5 65.00 6-Element IP40 M22-H6 79.00 Mounting Plate — M22-XE5 13.00 Plaster Keys for Flush Mounting — M22-UPE 12.00 M22-IY1-PG M22-EY1 M22-H1 Description Catalog Number Price U.S. $ Plunger Bridge M22-XW 4.00 Key Cover M22-XWS 10.00 Key Withdraw Adapter M22-XC-R 4.00 Coding Adapter M22-XC-Y 4.00 Description Catalog Number Price U.S. $ Guard Ring M22-XGWK 11.25 Yellow Guard Ring M22-XGPV 16.25 Gray Guard Ring M22G-XGPV 16.25 Sealing Shroud M22-PL-PV 22.00 Color Catalog Number Price U.S. $ Gray M22-B 3.70 Black M22S-B 3.70 M22-XC-Y M22-XWS M22-XC-R M22-XW M22-XGWK M22-XGPV M22G-XGPV M22-B |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |