Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEEFP0J152AP Datasheet(PDF) 3 Page - Pacific Silicon Sensor,Inc.

Part # EEEFP0J152AP
Description  Aluminum Electrolytic Capacitors/ FP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACIFIC [Pacific Silicon Sensor,Inc.]
Direct Link  http://www.pacific-sensor.com/index.html
Logo PACIFIC - Pacific Silicon Sensor,Inc.

EEEFP0J152AP Datasheet(HTML) 3 Page - Pacific Silicon Sensor,Inc.

  EEEFP0J152AP Datasheet HTML 1Page - Pacific Silicon Sensor,Inc. EEEFP0J152AP Datasheet HTML 2Page - Pacific Silicon Sensor,Inc. EEEFP0J152AP Datasheet HTML 3Page - Pacific Silicon Sensor,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FP
– EE65 –
■ Standard Products
✽ Size code( ):Miniaturization product
If Part number exceeds 12 digits, voltage code is abbreviated as follows; 0J
J, 1A
A, 1C
C, 1E
E, 1V
V
The taping dimensions are explained on p.177 of our Catalog. Please use it as a reference guide.
Reflow Profile(Fig-1 to Fig-11) listed on p.175 of our Catalog.
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(100 kHz)
(+105 °C)
E.S.R.
(100 kHz)
(+20 °C)
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
( )(pcs)
35
10
4
5.8
(B)
160
0.85
0.12
EEEFPV100UAR
(5)
2000
22
5
5.8
C
240
0.36
0.12
EEEFP1V220AR
(5)
1000
33
6.3
5.8
D
300
0.26
0.12
EEEFP1V330AP
(5)
1000
47
6.3
5.8
D
300
0.26
0.12
EEEFP1V470AP
(5)
1000
68
6.3
7.7
D8
600
0.160.12
EEEFPV680XAP
(5)
900
100
6.3
7.7
D8
6000.16
0.12
EEEFPV101XAP
(5)
900
810.2
F
850
0.08
0.12
EEEFP1V101AP
(6)
500
150
8
10.2
F
850
0.08
0.12
EEEFP1V151AP
(6)
500
220
8
10.2
F
850
0.08
0.12
EEEFP1V221AP
(6)
500
330
10
10.2
G
1190
0.06
0.12
EEEFP1V331AP
(6)
500
390
10
10.2
(G)
850
0.08
0.12
EEEFPV391UAP
(6)
500
50
100
8
10.2
F
6700.180.10
EEEFP1H101AP
(6)
500
220
10
10.2
G
900
0.12
0.10
EEEFP1H221AP
(6)
500
Endurance : 105 °C 2000 h
Feb. 2009
01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com