Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEEFP0J152AP Datasheet(PDF) 1 Page - Pacific Silicon Sensor,Inc.

Part # EEEFP0J152AP
Description  Aluminum Electrolytic Capacitors/ FP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACIFIC [Pacific Silicon Sensor,Inc.]
Direct Link  http://www.pacific-sensor.com/index.html
Logo PACIFIC - Pacific Silicon Sensor,Inc.

EEEFP0J152AP Datasheet(HTML) 1 Page - Pacific Silicon Sensor,Inc.

  EEEFP0J152AP Datasheet HTML 1Page - Pacific Silicon Sensor,Inc. EEEFP0J152AP Datasheet HTML 2Page - Pacific Silicon Sensor,Inc. EEEFP0J152AP Datasheet HTML 3Page - Pacific Silicon Sensor,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FP
– EE63 –
22
FP
j
Capacitance (
µF)
Series identification
Lot number
Negative polarity
marking (–)
Rated voltage Mark
Mark for Lead-Free
Products Black Dot
(Square)
0.3 max.
A
±0.2
W
( )reference size
L
±0.3
+
–
■ Features
● Low ESR (30 % to 50 % less than FK series)
● Endurance: 2000 h at 105 °C
● Vibration-proof product is available upon request. (φ8 <)
● RoHS directive compliant
Surface Mount Type
Series:
FP Type: V
FP High temperature Lead-Free reflow (suffix:A
✽)
■ Specifications
■ Dimensions in mm(not to scale)
■ Marking
Example:6.3 V 22 µF
Marking color: BLACK
Size
code
DL
A,B
H max.
I
W
P
K
B
4.0
5.8
4.3
5.5
1.8
0.65±0.1
1.0
0.35–0.20 to +0.15
C
5.0
5.8
5.3
6.5
2.2
0.65±0.1
1.5
0.35–0.20 to +0.15
D
6.3
5.8
6.6
7.8
2.6
0.65±0.1
1.8
0.35–0.20 to +0.15
D8
6.3
7.7
6.6
7.8
2.6
0.65±0.1
1.8
0.35–0.20 to +0.15
E
8.0
6.2
8.3
9.5
3.4
0.65±0.1
2.2
0.35–0.20 to +0.15
F
8.0 10.2
8.3
10.0
3.4
0.90±0.2
3.1
0.70±0.20
G
10.0 10.2 10.3
12.0
3.5
0.90±0.2
4.6
0.70±0.20
(mm)
Category Temp. Range
–55 °C to +105 °C
Rated W.V. Range
6.3 V.DC to 50 V.DC
Nominal Cap. Range
10 µF to 1800 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV or 3 (µA) After 2 minutes (whichever is greater)
tan
δ
Please see the attached standard products list
Characteristics
at Low Temperature
W.V. (V)
6.3
10
16
25
35
50
(Impedance ratio at 120 Hz)
Z(–25 °C)/Z(+20 °C)2
22222
Z(–40°C)/Z(+20 °C)3
33333
Z(–55°C)/Z(+20 °C)4
44333
Endurance
After applying rated working voltage at +105 °C ±2 °C for 2000 hours the capacitors shall meet the
limits specified below. Post-test requirement at +20 °C
Capacitance change
±30 % of initial measured value
tan
δ
< 200 % of initial specified value
DC leakege current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized at +20 °C,
capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Resistance to
Soldering Heat
After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits.
Capacitance change
±10 % of initial measured value
tan
δ
< initial specified value
DC leakage current
< initial specified value
Rated Voltage Mark
j6.3 V
A10 V
C16 V
E25 V
V35 V
H50 V
Feb. 2009
01


Similar Part No. - EEEFP0J152AP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEFP0J152AP PANASONIC-EEEFP0J152AP Datasheet
159Kb / 3P
Aluminum Electrolytic Capacitors
EEEFP0J152AP PANASONIC-EEEFP0J152AP Datasheet
78Kb / 3P
Aluminum Electrolytic Capacitors/ FP
EEEFP0J152AP PANASONIC-EEEFP0J152AP Datasheet
78Kb / 3P
Aluminum Electrolytic Capacitors/ FP
EEEFP0J152AP PANASONIC-EEEFP0J152AP Datasheet
90Kb / 3P
Aluminum Electrolytic Capacitors/ FP
EEEFP0J152AP PANASONIC-EEEFP0J152AP Datasheet
90Kb / 3P
Aluminum Electrolytic Capacitors/ FP
More results

Similar Description - EEEFP0J152AP

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
logo
Panasonic Semiconductor
EEE-FPE561UAP PANASONIC-EEE-FPE561UAP Datasheet
78Kb / 3P
Aluminum Electrolytic Capacitors/ FP
EEE-FP1V221AP PANASONIC-EEE-FP1V221AP Datasheet
78Kb / 3P
Aluminum Electrolytic Capacitors/ FP
EEE-FP1E101AP PANASONIC-EEE-FP1E101AP Datasheet
90Kb / 3P
Aluminum Electrolytic Capacitors/ FP
EEE-FP1E221AP PANASONIC-EEE-FP1E221AP Datasheet
90Kb / 3P
Aluminum Electrolytic Capacitors/ FP
EEE-FP1C220AR PANASONIC-EEE-FP1C220AR Datasheet
90Kb / 3P
Aluminum Electrolytic Capacitors/ FP
EEE-FP0J331AP PANASONIC-EEE-FP0J331AP Datasheet
90Kb / 3P
Aluminum Electrolytic Capacitors/ FP
EEE-FP1V220AR PANASONIC-EEE-FP1V220AR Datasheet
90Kb / 3P
Aluminum Electrolytic Capacitors/ FP
EEE-FP1V331AP PANASONIC-EEE-FP1V331AP Datasheet
90Kb / 3P
Aluminum Electrolytic Capacitors/ FP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com