Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF13 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # RF13
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RF13 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button RF13 Datasheet HTML 16Page - Renesas Technology Corp RF13 Datasheet HTML 17Page - Renesas Technology Corp RF13 Datasheet HTML 18Page - Renesas Technology Corp RF13 Datasheet HTML 19Page - Renesas Technology Corp RF13 Datasheet HTML 20Page - Renesas Technology Corp RF13 Datasheet HTML 21Page - Renesas Technology Corp RF13 Datasheet HTML 22Page - Renesas Technology Corp RF13 Datasheet HTML 23Page - Renesas Technology Corp RF13 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
RL78 Family
Chapter 3
EEL Functional Specifications
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 20 of 53
Mar. 28, 2014
[Overview of state transitions diagram]
To use EEL to manipulate the data flash memory, it is necessary to execute the provided functions in order to
advance the processing.
(1) uninitialized
This is the state after turning the power on or resetting.
(2) closed
This is the state in which the data to perform EEPROM emulation is initialized by executing the FDL_Init,
FDL_Open, and EEL_Init functions (no ongoing operation to the data flash memory).
To execute FSL, STOP mode, or HALT mode processing after executing EEPROM emulation, execute
EEL_Close in the opened state to switch to the closed state.
(3) opened
This state is switched to by executing EEL_Open in the closed state and makes it possible to perform
operations on the data flash memory. It is not possible to execute FSL, STOP mode, or HALT mode
processing until EEL_Close is executed and the system switches to the closed state.
(4) started
This state is switched to by executing the EEL_CMD_STARTUP command in the opened state and
makes it possible to execute EEPROM emulation. Writes and reads that use EEPROM emulation are
performed in this state.
(5)exhausted
This state is made from the opened or started state when continuously usable EEL blocks have been
exhausted during command execution. In this state, only EEL_CMD_READ, EEL_CMD_VERIFY, and
EEL_CMD_SHUTDOWN commands are executable.
(6) busy
This is the state used when executing a specified command. The state that is switched to differ
depending on which command is executed and how it terminates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com