| Electronic Components Datasheet Search |
|
RF13 Datasheet(PDF) 42 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RF13 Datasheet(HTML) 42 Page - Renesas Technology Corp |
|
42 / 56 page ![]() RL78 Family Chapter 5 User Interface EEPROM Emulation Library Pack02 R01US0068EJ0100 Rev.1.00 Page 42 of 53 Mar. 28, 2014 Execution Commands (eel_command_t) Command Description EEL_CMD_STARTUP This checks the block status and sets the system to the EEPROM emulation start (started) state. If two active blocks exist, the incorrect block is changed to an invalid block. Be sure to execute this command before executing commands other than the EEL_CMD_FORMAT command and make sure that the command finishes normally. EEL_CMD_WRITE Note 1 This writes the specified data to the EEL blocks. * The following arguments must be specified prior to execution. ・address_pu08:Specifies the start address of the RAM area where the write data is stored. ・identifier_u08: Specifies the data ID of the write data. EEL_CMD_READ Note 1 This reads the specified data from the EEL blocks. *The following arguments must be specified prior to execution. ・address_pu08:Specifies the start address of the RAM area where the read data is stored. ・identifier_u08:Specifies the data ID of the read data. EEL_CMD_VERIFY Note 1,2 This performs internal verification to check signal levels of the active block. This command verifies whether signal levels of flash memory cells are appropriate or not. EEL_CMD_REFRESH Note1,3 This copies the latest stored data from the active EEL block (copy source block) to the next block (copy destination block) in the EEL pool after the erase processing. This makes the copy destination block active. EEL_CMD_FORMAT This initializes (erases) everything, including the data recorded in the EEL blocks. Be sure to use this command before using EEPROM emulation for the first time. Furthermore, use this command to initialize the entire blocks when an error (such as no active block) has occurred in EEL blocks or when modifying values in the descriptor table (unchangeable fixed values). Because EEPROM emulation switches to the stopped state (opened) regardless of the results after the processing finishes, execute the EEL_CMD_STARTUP command to continue using EEPROM emulation. EEL_CMD_SHUTDOWN Note1 This sets EEPROM emulation to the stopped state (opened). Note 1: Do not execute this command until the EEL_CMD_STARTUP command has finished normally. Note 2: This command is not used to perform processing for reading written data and compare it. To compare written data, use the EEL_Execute (EEL_CMD_READ) function through the user program. Note 3: The erase processing is performed by executing the EEL_CMD_REFRESH command. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |