Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC702CH Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC702CH
Description  Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC702CH Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC702CH Datasheet HTML 3Page - Texas Instruments DAC702CH Datasheet HTML 4Page - Texas Instruments DAC702CH Datasheet HTML 5Page - Texas Instruments DAC702CH Datasheet HTML 6Page - Texas Instruments DAC702CH Datasheet HTML 7Page - Texas Instruments DAC702CH Datasheet HTML 8Page - Texas Instruments DAC702CH Datasheet HTML 9Page - Texas Instruments DAC702CH Datasheet HTML 10Page - Texas Instruments DAC702CH Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
®
DAC701, 702, 703
VOLTAGE OUTPUT MODELS
ANALOG OUTPUT
DAC701 UNIPOLAR
DAC703 BIPOLAR
DIGITAL INPUT CODE
16-BIT
15-BIT
14-BIT
16-BIT
15-BIT
14-BIT
1LSB
(
µV)
153
305
610
305
610
1224
0000H
(V)
+9.99985
+9.99969
+9.99939
+9.99960
+9.99939
+9.99878
FFFFH
(V)
0
0
0
–10.0000
–10.0000
–10.0000
ANALOG OUTPUT MODEL
ANALOG OUTPUT
DAC702 BIPOLAR
DIGITAL INPUT CODE
16-BIT
15-BIT
14-BIT
1LSB
(
µA)
0.031
0.061
0.122
0000H
(mA)
–0.99997
–0.99994
–0.99988
FFFFH
(mA)
+1.00000
+1.00000
+1.00000
TABLE II. Digital Input and Analog Output Relationships.
If the output cannot be sensed at Common or the system
ground point as mentioned above, the differential output
circuit shown in Figure 8 is recommended. In this circuit the
output voltage is sensed at the load common and not at the
D/A converter common as in the previous circuits. The value
of R
6 and R7 must be adjusted for maximum common-mode
rejection at RL. Note that if R3 is negligible, the circuit of
Figure 8 can be reduced to the one shown in Figure 7. Again
the effect of R4 is negligible.
The D/A converter and the wiring to its connectors should be
located to provide optimum isolation from sources of RFI
and EMI. The key concept in elimination of RF radiation or
pickup is loop area; therefore, signal leads and their return
conductors should be kept close together. This reduces the
external magnetic field along with any radiation. Also, if a
single lead and its return conductor are wired close together,
they present a small flux-capture cross section for any
external field. This reduces radiation pickup in the circuit.
FIGURE 7. Preferred External Op Amp Configuration.
FIGURE 8. Differential Sensing Output Op Amp
Configuration.
A
1
R
DAC
DAC702
R
B
Common
I
OUT
R
1
‡
R
L
R
3
Sense Output
+5VDC
Supply
±15VDC
Supply
+V
COM
–V
System Ground
Point
+V
COM
Alternate Ground
Sense Connection
R
4
To +V
CC
To –V
CC
To V
DD
1µF
1µF
1µF
*
2.45k
R
F
*
R
2
R should be equal to the output impedance at the current output
to compensate for the bias current drift of A . Use standard 10%,
1/4W carbon composition or equivalent resistors.
B
1
‡
DAC702
Ω
2.45k
10k
Ω
Ω
R
DAC
R
B
R
F
*
R
F
A
1
R
DAC
DAC702
R
6
Common
I
OUT
R
1
R
L
R
3
+5VDC
Supply
±15VDC
Supply
+V
COM
–V
System Ground
Point
+V
COM
Alternate Ground
Sense Connection
R
4
To +V
CC
To –V
CC
To V
DD
1µF
1µF
1µF
2.45k
R
F
*
R
2
DAC702
Ω
10k
Ω
R
DAC
R
F
*
R
F
R
5
R
7
Sense
Output
+
5
R
7
R=
+
F
R
1
R
R
6 =
DAC
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com