Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC702CH Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC702CH
Description  Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC702CH Datasheet(HTML) 4 Page - Texas Instruments

  DAC702CH Datasheet HTML 1Page - Texas Instruments DAC702CH Datasheet HTML 2Page - Texas Instruments DAC702CH Datasheet HTML 3Page - Texas Instruments DAC702CH Datasheet HTML 4Page - Texas Instruments DAC702CH Datasheet HTML 5Page - Texas Instruments DAC702CH Datasheet HTML 6Page - Texas Instruments DAC702CH Datasheet HTML 7Page - Texas Instruments DAC702CH Datasheet HTML 8Page - Texas Instruments DAC702CH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
®
DAC701, 702, 703
CONNECTION DIAGRAMS
–V
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
MSB
16-Bit
Ladder
Resistor
Network
and
Current
Switches
Digital
Inputs
Reference
Circuit
R
F
(4)
Voltage Models
Only
LSB
Digital
Inputs
(2)
+V
CC
270k
Ω
3.9M
Ω
(3)
(3)
0.0022µF
(2)
(2)
V
DD
CC
(1)
NOTES: (1) Can be tied to +VCC instead of having
separate VDD supply. (2) Decoupling capacitors are
0.1
µF to 1.0µF. (3) Potentiometers are 10kΩ to
100k
Ω. (4) 5kΩ (DAC701), 10kΩ (DAC702/703).
ALL PACKAGES
PIN #
DAC702
DAC701/703
1
Bit 1 (MSB)
Bit 1 (MSB)
2
Bit 2
Bit 2
3
Bit 3
Bit 3
4
Bit 4
Bit 4
5
Bit 5
Bit 5
6
Bit 6
Bit 6
7
Bit 7
Bit 7
8
Bit 8
Bit 8
9
Bit 9
Bit 9
10
Bit 10
Bit 10
11
Bit 11
Bit 11
12
Bit 12
Bit 12
13
Bit 13
Bit 13
14
Bit 14
Bit 14
15
Bit 15
Bit 15
16
Bit 16 (LSB)
Bit 16 (LSB)
17
RFEEDBACK
VOUT
18
VDD
VDD
19
–VCC
–VCC
20
Common
Common
21
IOUT
Summing Junction (Zero Adjust)
22
Gain Adjust
Gain Adjust
23
+VCC
+VCC
24
+6.3V Reference Output
+6.3V Reference Output
ABSOLUTE MAXIMUM RATINGS(1)
+VCC to Common ........................................................................ 0V, +18V
–VCC to Common ........................................................................ 0V, –18V
VDD to Common .......................................................................... 0V, +18V
Digital Data Inputs to Common ................................................ –1V, +18V
Reference Out to Common ........................... Indefinite Short to Common
External Voltage Applied to RF (DAC702) ......................................... ±18V
External Voltage Applied to D/A Output (DAC701/703) .......... –5V to +5V
VOUT (DAC701/703) ....................................... Indefinite Short to Common
Power Dissipation ................................................................................. 1W
Storage Temperature ...................................................... –60
°C to +150°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
PIN ASSIGNMENTS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com