Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32F101VC Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32F101VC
Description  High-density access line, ARM-based 32-bit MCU
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101VC Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32F101VC Datasheet HTML 7Page - STMicroelectronics STM32F101VC Datasheet HTML 8Page - STMicroelectronics STM32F101VC Datasheet HTML 9Page - STMicroelectronics STM32F101VC Datasheet HTML 10Page - STMicroelectronics STM32F101VC Datasheet HTML 11Page - STMicroelectronics STM32F101VC Datasheet HTML 12Page - STMicroelectronics STM32F101VC Datasheet HTML 13Page - STMicroelectronics STM32F101VC Datasheet HTML 14Page - STMicroelectronics STM32F101VC Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 112 page
background image
STM32F101xC, STM32F101xD, STM32F101xE
Description
Doc ID 14610 Rev 8
11/112
2.1
Device overview
The STM32F101xx high-density access line family offers devices in 3 different package
types: from 64 pins to 144 pins. Depending on the device chosen, different sets of
peripherals are included, the description below gives an overview of the complete range of
peripherals proposed in this family.
●
Figure 1 shows the general block diagram of the device family.
Table 2.
STM32F101xC, STM32F101xD and STM32F101xE features and peripheral
counts
Peripherals
STM32F101Rx
STM32F101Vx
STM32F101Zx
Flash memory in Kbytes
256
384
512
256
384
512
256
384
512
SRAM in Kbytes
32
48
32
48
32
48
FSMC
No
Yes(1)
1.
For the LQFP100 package, only FSMC Bank1 and Bank2 are available. Bank1 can only support a
multiplexed NOR/PSRAM memory using the NE1 Chip Select. Bank2 can only support a 16- or 8-bit
NAND Flash memory using the NCE2 Chip Select. The interrupt line cannot be used since Port G is not
available in this package.
Yes
Timers
General-
purpose
4
Basic
2
Comm
SPI
3
I2C2
USART
5
GPIOs
51
80
112
12-bit ADC
Number of channels
1
16
1
16
1
16
12-bit DAC
Number of channels
1
2
CPU frequency
36 MHz
Operating voltage
2.0 to 3.6 V
Operating temperatures
Ambient temperature: –40 to +85 °C (see Table 10)
Junction temperature: –40 to +105 °C (see Table 10)
Package
LQFP64
LQFP100
LQFP144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com