Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29F010-55PI Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM29F010-55PI
Description  1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F010-55PI Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM29F010-55PI Datasheet HTML 9Page - Advanced Micro Devices AM29F010-55PI Datasheet HTML 10Page - Advanced Micro Devices AM29F010-55PI Datasheet HTML 11Page - Advanced Micro Devices AM29F010-55PI Datasheet HTML 12Page - Advanced Micro Devices AM29F010-55PI Datasheet HTML 13Page - Advanced Micro Devices AM29F010-55PI Datasheet HTML 14Page - Advanced Micro Devices AM29F010-55PI Datasheet HTML 15Page - Advanced Micro Devices AM29F010-55PI Datasheet HTML 16Page - Advanced Micro Devices AM29F010-55PI Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Am29F010
13
Table 4.
Am2F010 Command Definitions
Legend:
X = Don’t care
RA = Address of the memory location to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed.
Addresses latch on the falling edge of the WE# or CE# pulse,
whichever happens later.
PD = Data to be programmed at location PA. Data latches on the
rising edge of WE# or CE# pulse, whichever happens first.
SA = Address of the sector to be verified (in autoselect mode) or
erased. Address bits A16–A14 uniquely select any sector.
Notes:
1. See Table 1 for description of bus operations.
2. All values are in hexadecimal.
3. Except when reading array or autoselect data, all command
bus cycles are write operations.
4. No unlock or command cycles required when reading array
data.
5. The Reset command is required to return to reading array
data when device is in the autoselect mode, or if DQ5 goes
high (while the device is providing status data).
6. The fourth cycle of the autoselect command sequence is a
read operation.
7. The data is 00h for an unprotected sector and 01h for a
protected sector. See “Autoselect Command Sequence” for
more information.
Command
Sequence
(Note 1)
Bus Cycles (Notes 2-3)
First
Second
Third
Fourth
Fifth
Sixth
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr Data
Addr
Data
Read (Note 4)
1
RA
RD
Reset (Note 5)
1
XXXX
F0
Autoselect
(Note 6)
Manufacturer ID
4
5555
AA
2AAA
55
5555
90
XX00
01
Device ID
4
5555
AA
2AAA
55
5555
90
XX01
20
Sector Protect Verify
(Note 7)
4
5555
AA
2AAA
55
5555
90
(SA)
X02
00
01
Program
4
5555
AA
2AAA
55
5555
A0
PA
PD
Chip Erase
6
5555
AA
2AAA
55
5555
80
5555
AA
2AAA
55
5555
10
Sector Erase
6
5555
AA
2AAA
55
5555
80
5555
AA
2AAA
55
SA
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com