Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29F010-55PI Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM29F010-55PI
Description  1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F010-55PI Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM29F010-55PI Datasheet HTML 19Page - Advanced Micro Devices AM29F010-55PI Datasheet HTML 20Page - Advanced Micro Devices AM29F010-55PI Datasheet HTML 21Page - Advanced Micro Devices AM29F010-55PI Datasheet HTML 22Page - Advanced Micro Devices AM29F010-55PI Datasheet HTML 23Page - Advanced Micro Devices AM29F010-55PI Datasheet HTML 24Page - Advanced Micro Devices AM29F010-55PI Datasheet HTML 25Page - Advanced Micro Devices AM29F010-55PI Datasheet HTML 26Page - Advanced Micro Devices AM29F010-55PI Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Am29F010
23
AC CHARACTERISTICS
OE#
WE#
CE#
VCC
Data
Addresses
tDS
tAH
tDH
tWP
PD
tWHWH1
tWC
tAS
tWPH
tVCS
555h
PA
PA
Read Status Data (last two cycles)
A0h
tGHWL
tCS
Status
DOUT
Program Command Sequence (last two cycles)
tCH
PA
Note: PA = program address, PD = program data, DOUT is the true data at the program address.
Figure 9.
Program Operation Timings
16736G-13
OE#
CE#
Addresses
VCC
WE#
Data
2AAh
SA
tGHWL
tAH
tWP
tWC
tAS
tWPH
555h for chip erase
10 for Chip Erase
30h
tDS
tVCS
tCS
tDH
55h
tCH
In
Progress
Complete
tWHWH2
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data
Note: SA = sector address (for Sector Erase), VA = Valid Address for reading status data (see “Write Operation Status”).
Figure 10.
Chip/Sector Erase Operation Timings
16736G-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com