| Electronic Components Datasheet Search |
|
AD9549APCBZ Datasheet(PDF) 59 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9549APCBZ Datasheet(HTML) 59 Page - Analog Devices |
|
59 / 76 page ![]() AD9549 Rev. D | Page 59 of 76 Register 0x011B—FTW Lower Limit Table 47. Bits Bit Name Description [7:0] FTW lower limit Lowest DDS tuning word in closed-loop mode. This feature is recommended when a band-pass reconstruction filter is used. See the Output Frequency Range Control section. Register 0x011C—FTW Lower Limit (Continued) Table 48. Bits Bit Name Description [15:8] FTW lower limit Lowest DDS tuning word in closed-loop mode. This feature is recommended when a band-pass reconstruction filter is used. See the Output Frequency Range Control section. Register 0x011D—FTW Lower Limit (Continued) Table 49. Bits Bit Name Description [23:16] FTW lower limit Lowest DDS tuning word in closed-loop mode. This feature is recommended when a band-pass reconstruction filter is used. See the Output Frequency Range Control section. Register 0x011E—FTW Lower Limit (Continued) Table 50. Bits Bit Name Description [31:24] FTW lower limit Lowest DDS tuning word in closed-loop mode. This feature is recommended when a band-pass reconstruction filter is used. See the Output Frequency Range Control section. Register 0x011F—FTW Lower Limit (Continued) Table 51. Bits Bit Name Description [39:32] FTW lower limit Lowest DDS tuning word in closed-loop mode. This feature is recommended when a band-pass reconstruction filter is used. See the Output Frequency Range Control section. Register 0x0120—FTW Lower Limit (Continued) Table 52. Bits Bit Name Description [47:40] FTW lower limit Lowest DDS tuning word in closed-loop mode. This feature is recommended when a band-pass reconstruction filter is used. See the Output Frequency Range Control section. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |