Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9549APCBZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9549APCBZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549APCBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9549APCBZ Datasheet HTML 35Page - Analog Devices AD9549APCBZ Datasheet HTML 36Page - Analog Devices AD9549APCBZ Datasheet HTML 37Page - Analog Devices AD9549APCBZ Datasheet HTML 38Page - Analog Devices AD9549APCBZ Datasheet HTML 39Page - Analog Devices AD9549APCBZ Datasheet HTML 40Page - Analog Devices AD9549APCBZ Datasheet HTML 41Page - Analog Devices AD9549APCBZ Datasheet HTML 42Page - Analog Devices AD9549APCBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
AD9549
Rev. D | Page 39 of 76
1
0
1
0
1
0
REFAB LOR
REFAB OOL
REFAB INVALID
REFAB
PHASE LOCK
FREQUENCY LOCK
IRQ
REF INVALID
PHASE LOCK
FREQ. LOCK
REF LOR
REF OOL
IRQ
STATUS PIN
(1 OF 4)
STATUS PIN
CONTROL REGISTER
(1 OF 4)
REFA LOR
REFA OOL
REFA INVALID
REFB LOR
REFB OOL
REFB INVALID
PHASE LOCK DETECT
FREQUENCY LOCK DETECT
IRQ
INTERNAL
STATUS FLAGS
Figure 49. Status Pin Control
STATUS AND WARNINGS
Status Pins
Four pins (S1 to S4) are reserved for providing device status
information to the external environment. These four pins are
individually programmable (via the serial I/O port) as an OR'ed
combination of six possible status indications. Each pin has a
dedicated group of control register bits that determine which
internal status flags are used to provide an indication on a
particular pin, as shown in Figure 49.
Reference Monitor Status
In the case of reference monitoring status information, a pin
can be programmed for either REFA or REFB, but not both.
In addition, the OR'ed output configuration allows the user to
combine multiple status flags into a single status indication. For
example, if both the LOR and OOL control register bits are true,
the status pin associated with that particular control register
gives an indication if either the LOR or OOL status flag is
asserted for the selected reference (A or B).
Default DDS Output Frequency on Power-Up
The four status pins (S1 to S4) provide a completely separate
function at power-up. They can be used to define the output
frequency of the DDS at power-up even though the I/O registers
have not yet been programmed. This is made possible because
the status pins are designed with bidirectional drivers. At power-
up, internal logic initiates a reset pulse of about 10 ns. During
this time, S1 to S4 briefly function as input pins and can be
driven externally. Any logic levels thus applied are transferred
to a 4-bit register on the falling edge of the internally initiated
pulse. The falling edge of the pulse also returns S1 to S4 to their
normal function as output pins. The same behavior occurs
when the RESET pin is asserted manually.
Setting up S1 to S4 for default DDS start-up is accomplished by
connecting a resistor to each pin (either pull-up or pull-down)
to produce the desired bit pattern, yielding 16 possible states
that are used both to address an internal 8 × 16 ROM and to
select the SYSCLK mode (see Table 8). The ROM contains eight
16-bit DDS frequency tuning words (FTWs), one of which is
selected by the state of the S1 to S3 pins. The selected FTW is
transferred to the FTW0 register in the I/O register map without
the need for an I/O update. This ensures that the DDS generates
the selected frequency even if the I/O registers have not been
programmed. The state of the S4 pin selects whether the internal
system clock is generated by means of the internal SYSCLK PLL
multiplier or not (see the SYSCLK Inputs section for details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com