Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OTB25LPLL Datasheet(PDF) 44 Page - Actel Corporation

Part # OTB25LPLL
Description  Ultra-Fast Local and Long-Line Network
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

OTB25LPLL Datasheet(HTML) 44 Page - Actel Corporation

Back Button OTB25LPLL Datasheet HTML 40Page - Actel Corporation OTB25LPLL Datasheet HTML 41Page - Actel Corporation OTB25LPLL Datasheet HTML 42Page - Actel Corporation OTB25LPLL Datasheet HTML 43Page - Actel Corporation OTB25LPLL Datasheet HTML 44Page - Actel Corporation OTB25LPLL Datasheet HTML 45Page - Actel Corporation OTB25LPLL Datasheet HTML 46Page - Actel Corporation OTB25LPLL Datasheet HTML 47Page - Actel Corporation OTB25LPLL Datasheet HTML 48Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 40
v5.2
Table 1-23 • DC Specifications (3.3 V PCI Operation)1
Symbol
Parameter
Condition
Commercial/
Industrial2,3
Military/MIL-STD- 8832,3
Units
Min.
Max.
Min.
Max.
VDD
Supply Voltage for Core
2.3
2.7
2.3
2.7
V
VDDP
Supply Voltage for I/O Ring
3.0
3.6
3.0
3.6
V
VIH
Input High Voltage
0.5VDDP VDDP + 0.5
0.5VDDP
VDDP + 0.5
V
VIL
Input Low Voltage
–0.5
0.3VDDP
–0.5
0.3VDDP
V
IIPU
Input Pull-up Voltage4
0.7VDDP
0.7VDDP
V
IIL
Input Leakage Current5
0 < VIN < VDDP
Std.
–10
10
–50
50
µA
–F3, 6
–10
100
µA
VOH
Output High Voltage
IOUT = –500 µA
0.9VDDP
0.9VDDP
V
VOL
Output Low Voltage
IOUT = 1500 µA
0.1VDDP
0.1VDDP
V
CIN
Input Pin Capacitance (except CLK)
10
10
pF
CCLK
CLK Pin Capacitance
5
12
5
12
pF
Notes:
1. For PCI operation, use OTB33PH, OB33PH, IOB33PH, IB33, or IB33S macro library cell only.
2. All process conditions. Junction Temperature: –40 to +110°C for Commercial and Industrial devices and –55 to +125°C for Military.
3. All –F parts are available as commercial only.
4. This specification is guaranteed by design. It is the minimum voltage to which pull-up resistors are calculated to pull a floated
network. Designers with applications sensitive to static power utilization should ensure that the input buffer is conducting minimum
current at this input voltage.
5. Input leakage currents include hi-Z output leakage for all bidirectional buffers with tristate outputs.
6. The sum of the leakage currents for all inputs shall not exceed 2mA per device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com