Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OTB25LPLL Datasheet(PDF) 25 Page - Actel Corporation

Part # OTB25LPLL
Description  Ultra-Fast Local and Long-Line Network
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

OTB25LPLL Datasheet(HTML) 25 Page - Actel Corporation

Back Button OTB25LPLL Datasheet HTML 21Page - Actel Corporation OTB25LPLL Datasheet HTML 22Page - Actel Corporation OTB25LPLL Datasheet HTML 23Page - Actel Corporation OTB25LPLL Datasheet HTML 24Page - Actel Corporation OTB25LPLL Datasheet HTML 25Page - Actel Corporation OTB25LPLL Datasheet HTML 26Page - Actel Corporation OTB25LPLL Datasheet HTML 27Page - Actel Corporation OTB25LPLL Datasheet HTML 28Page - Actel Corporation OTB25LPLL Datasheet HTML 29Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.2
1-21
PLL Electrical Specifications
Parameter
Value
Notes
Frequency Ranges
Reference Frequency fIN (min.)
1.5 MHz
Clock conditioning circuitry (min.) lowest input frequency
Reference Frequency fIN (max.)
180 MHz
Clock conditioning circuitry (max.) highest input frequency
OSC Frequency fVCO (min.)
24 MHz
Lowest output frequency voltage controlled oscillator
OSC Frequency fVCO (max.)
180 MHz
Highest output frequency voltage controlled oscillator
Clock Conditioning Circuitry fOUT (min.)
6 MHz
Lowest output frequency clock conditioning circuitry
Clock Conditioning Circuitry fOUT (max.)
180 MHz
Highest output frequency clock conditioning circuitry
Long Term Jitter Peak-to-Peak Max.*
Temperature
Frequency MHz
fVCO<10
10<fVCO<60
fVCO>60
25°C (or higher)
±1%
±2%
±1%
Jitter(ps) = Jitter(%)*period
For example:
Jitter in picoseconds at 100 MHz
= 0.01 * (1/100E6) = 100 ps
0°C
±1.5%
±2.5%
±1%
–40°C
±2.5%
±3.5%
±1%
–55°C
±2.5%
±3.5%
±1%
Acquisition Time from Cold Start
Acquisition Time (max.)
30
µsf
VCO ≤ 40 MHz
Acquisition Time (max.)
80
µsf
VCO > 40 MHz
Power Consumption
Analog Supply Power (max.*)
6.9 mW per PLL
Digital Supply Current (max.)
7
µW/MHz
Duty Cycle
50% ±0.5%
Input Jitter Tolerance
5% input period (max. 5 ns)
Maximum jitter allowable on an input clock to
acquire and maintain lock.
Note: *High clock frequencies (>60 MHz) under typical setup conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com