Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1026JSTZ-R7 Datasheet(PDF) 40 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 40 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 36Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 37Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 38Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 39Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 40Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 41Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 42Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 43Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 44Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
ADM1026
http://onsemi.com
40
Table 25. REGISTER 0BH, GPIO CONFIGURATION REGISTER 4 (POWER-ON DEFAULT 00H)
Bit
Name
R/W
Description
0
GPIO12 Direction
R/W
When this bit is 0, GPIO12 is configured as an input; otherwise, it is an output.
1
GPIO12 Polarity
R/W
When this bit is 0, GPIO12 is active low; otherwise, it is active high.
2
GPIO13 Direction
R/W
When this bit is 0, GPIO13 is configured as an input; otherwise, it is an output.
3
GPIO13 Polarity
R/W
When this bit is 0, GPIO13 is active low; otherwise, it is active high.
4
GPIO14 Direction
R/W
When this bit is 0, GPIO14 is configured as an input; otherwise, it is an output.
5
GPIO14 Polarity
R/W
When this bit is 0, GPIO14 is active low; otherwise, it is active high.
6
GPIO15 Direction
R/W
When this bit is 0, GPIO15 is configured as an input; otherwise, it is an output.
7
GPIO15 Polarity
R/W
When this bit is 0, GPIO15 is active low; otherwise, it is active high.
Table 26. REGISTER 0CH, EEPROM CONFIGURATION REGISTER 2 (POWER-ON DEFAULT 00H)
Bit
Name
R/W
Description
7–0
Factory Use
R
For factory use only. Do not write to this register.
Table 27. REGISTER 0DH, INTERNAL TEMPERATURE THERM LIMIT (POWER-ON DEFAULT, 37H 555C)
Bit
Name
R/W
Description
7–0
Int Temp THERM Limit
R/W
This register contains the THERM limit for the internal temperature channel.
Exceeding this limit causes the THERM output pin to be asserted.
Table 28. REGISTER 0EH, TDM1 THERM LIMIT (POWER-ON DEFAULT, 50H 805C)
Bit
Name
R/W
Description
7–0
TDM1 THERM Limit
R/W
This register contains the THERM limit for the TDM1 temperature channel.
Exceeding this limit causes the THERM output pin to be asserted.
Table 29. REGISTER 0FH, TDM2 THERM LIMIT (POWER-ON DEFAULT, 50H 805C)
Bit
Name
R/W
Description
7–0
TDM2 THERM Limit
R/W
This register contains the THERM limit for the TDM2 temperature channel.
Exceeding this limit causes the THERM output pin to be asserted.
Table 30. REGISTER 10H, INTERNAL TEMPERATURE TMIN (POWER-ON DEFAULT, 28H 405C)
Bit
Name
R/W
Description
7–0
Internal Temp TMIN
R/W
This register contains the TMIN value for automatic fan speed control based on the
internal temperature channel.
Table 31. REGISTER 11H, TDM1 TEMPERATURE TMIN (POWER-ON DEFAULT, 40H 645C)
Bit
Name
R/W
Description
7–0
TDM1 Temp TMIN
R/W
This register contains the TMIN value for automatic fan speed control based on the
TDM1 temperature channel.
Table 32. REGISTER 12H, TDM2 TEMPERATURE TMIN (POWER-ON DEFAULT, 40H 645C)
Bit
Name
R/W
Description
7–0
TDM2 Temp TMIN
R/W
This register contains the TMIN value for automatic fan speed control based on the
TDM2 temperature channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com