| Electronic Components Datasheet Search |
|
ADM1026JSTZ-R7 Datasheet(PDF) 49 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
ADM1026JSTZ-R7 Datasheet(HTML) 49 Page - ON Semiconductor |
|
49 / 55 page ![]() ADM1026 http://onsemi.com 49 Table 65. REGISTER 33H, AIN3 MEASURED VALUE (POWER-ON DEFAULT, 00H) Bit Name R/W Description 7–0 AIN3 Value R This register contains the measured value of the AIN3 analog input channel. Table 66. REGISTER 34H, AIN4 MEASURED VALUE (POWER-ON DEFAULT, 00H) Bit Name R/W Description 7–0 AIN4 Value R This register contains the measured value of the AIN4 analog input channel. Table 67. REGISTER 35H, AIN5 MEASURED VALUE (POWER-ON DEFAULT, 00H) Bit Name R/W Description 7–0 AIN5 Value R This register contains the measured value of the AIN5 analog input channel. Table 68. REGISTER 36H, AIN6 MEASURED VALUE (POWER-ON DEFAULT, 00H) Bit Name R/W Description 7–0 AIN6 Value R This register contains the measured value of the AIN6 analog input channel. Table 69. REGISTER 37H, AIN7 MEASURED VALUE (POWER-ON DEFAULT, 00H) Bit Name R/W Description 7–0 AIN7 Value R This register contains the measured value of the AIN7 analog input channel. Table 70. REGISTER 38H, FAN0 MEASURED VALUE (POWER-ON DEFAULT, 00H) Bit Name R/W Description 7–0 FAN0 Value R This register contains the measured value of the FAN0 tach input channel. Table 71. REGISTER 39H, FAN1 MEASURED VALUE (POWER-ON DEFAULT, 00H) Bit Name R/W Description 7–0 FAN1 Value R This register contains the measured value of the FAN1 tach input channel. Table 72. REGISTER 3AH, FAN2 MEASURED VALUE (POWER-ON DEFAULT, 00H) Bit Name R/W Description 7–0 FAN2 Value R This register contains the measured value of the FAN2 tach input channel. Table 73. REGISTER 3BH, FAN3 MEASURED VALUE (POWER-ON DEFAULT, 00H) Bit Name R/W Description 7–0 FAN3 Value R This register contains the measured value of the FAN3 tach input channel. Table 74. REGISTER 3CH, FAN4 MEASURED VALUE (POWER-ON DEFAULT, 00H) Bit Name R/W Description 7–0 FAN4 Value R This register contains the measured value of the FAN4 tach input channel. Table 75. REGISTER 3DH, FAN5 MEASURED VALUE (POWER-ON DEFAULT, 00H) Bit Name R/W Description 7–0 FAN5 Value R This register contains the measured value of the FAN5 tach input channel. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |