Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL431CS Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # TL431CS
Description  Adjustable Precision Shunt Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

TL431CS Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  TL431CS Datasheet HTML 1Page - Analog Intergrations Corporation TL431CS Datasheet HTML 2Page - Analog Intergrations Corporation TL431CS Datasheet HTML 3Page - Analog Intergrations Corporation TL431CS Datasheet HTML 4Page - Analog Intergrations Corporation TL431CS Datasheet HTML 5Page - Analog Intergrations Corporation TL431CS Datasheet HTML 6Page - Analog Intergrations Corporation TL431CS Datasheet HTML 7Page - Analog Intergrations Corporation TL431CS Datasheet HTML 8Page - Analog Intergrations Corporation TL431CS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AIC431/TL431A/TL431
2
n ORDERING INFORMATION
ORDER NUMBER
PIN CONFIGURATION
AIC431 CX
TL431A CX
TL431
CX
PACKAGING TYPE
S: SMALL OUTLINE
U: SOT-23
X: SOT-89
Z: TO-92
AIC431CX
TL431ACX
TL431CX
(SOT-89)
FRONT VIEW
1: VREF
2: ANODE
3: CATHODE
1
2
3
1
2
3
AIC431CZ
TL431ACZ
TL431CZ
(TO-92)
FRONT VIEW
1: VREF
2: ANODE
3: CATHODE
ANODE
REF
ANODE
NC
ANODE
ANODE
NC
CATHOD
1
3
4
2
8
6
5
7
AIC431CS
TL431ACS
TL431CS
(SO-8)
TOP VIEW
AIC431CUN
TL431ACUN
TL431CUN
(SOT-23)
FRONT VIEW
1: CATHODE
2: VREF
3: ANODE
1
3
2
AIC431CUS
TL431ACUS
TL431CUS
(SOT-23)
FRONT VIEW
1: VREF
2: CATHODE
3: ANODE
3
1
2
n ABSOLUTE MAXIMUM RATINGS
Cathode Voltage ........…………… ...............…………… ..……… ...............................30V
Continuous Cathode Current ...................………… .…… ...................... -10mA ~ 250mA
Reference Input Current Range
.......………… ........…… ..........……………………
10mA
Operating Temperature Range .......………… .........……… .........…………… . -40
°C ~ 85°C
Lead Temperature .......………… ..................……………… ..……………………… . 260
°C
Storage Temperature .......………… ..................…………… ..…………… .. -65
°C ~ 150°C
Power Dissipation (Notes 1, 2)
SOT-89 Package .........………… ...... 0.80W
TO-92 Package … .......………… ....... 0.78W
Note 1: TJ, max = 150°C.
Note 2: Ratings apply to ambient temperature at 25
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com