Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL431CS Datasheet (PDF) - Analog Intergrations Corporation

TL431CS Datasheet PDF - Analog Intergrations Corporation
Part # TL431CS
Download  TL431CS Download
File Size   194.06 Kbytes
Page   11 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Adjustable Precision Shunt Regulators

TL431CS Datasheet (PDF)

Go To PDF Page Download Datasheet
TL431CS Datasheet PDF - Analog Intergrations Corporation

Part # TL431CS
Download  TL431CS Click to download

File Size   194.06 Kbytes
Page   11 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Adjustable Precision Shunt Regulators

TL431CS Datasheet (HTML) - Analog Intergrations Corporation


TL431CS Product details

DESCRIPTION
The AIC431/TL431A/TL431 are 3-terminal adjustable precision shunt regulators with guaranteed temperature stability over the applicable extended commercial temperature range. The output voltage may be set at any level greater than 2.495V (VREF) up to 30V merely by selecting two external resistors that act as a voltage divider network. These devices have a typical output impedance of 0.08W. Active output circuitry provides a very sharp turn-on characteristics, making these devices excellent improved replacements for zener diodes in many applications.

FEATURES
• Unconditionally Stable.
• Precision Reference Voltage.
    AIC431 :2.495V ±0.5%
    TL431A :2.495V ±1.0%
    TL431 :2.495V ±1.6%
• Sink Current Capability: 200mA.
• Minimum Cathode Current for Regulation: 250mA.
• Equivalent Full-Range Temperature Coefficient: 50 ppm/°C.
• Fast Turn-On Response.
• Low Dynamic Output Impedance: 0.08W.
• Adjustable Output Voltage.
• Low Output Noise.
• Space Saving SOT-89, SOT-23, TO-92 and SO8 packages.




Similar Part No. - TL431CS

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
TL431CS FCI-TL431CS Datasheet
465Kb / 9P
Programmable Precision References
logo
IK Semicon Co., Ltd
TL431CS IKSEMICON-TL431CS Datasheet
3Mb / 12P
Programmable Precision Reference
logo
HTC Korea TAEJIN Techno...
TL431CSF HTC-TL431CSF Datasheet
671Kb / 12P
PROGRAMMABLE PRECISION SHUNT REGULATOR
More results


Similar Description - TL431CS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
Adjustable Precision Shunt Regulators
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
Adjustable Precision Shunt Regulators
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
ADJUSTABLE PRECISION SHUNT REGULATORS
Rev 3
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com