Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8360VVALFGA Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC8360VVALFGA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360VVALFGA Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC8360VVALFGA Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8360VVALFGA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8360VVALFGA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8360VVALFGA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8360VVALFGA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8360VVALFGA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8360VVALFGA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8360VVALFGA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8360VVALFGA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
4
Freescale Semiconductor
–
10/100 Mbps Ethernet/IEEE Std. 802.3™ CDMA/CS interface through a media-independent interface (MII,
RMII, RGMII)1
–
1000 Mbps Ethernet/IEEE 802.3 CDMA/CS interface through a media-independent interface (GMII, RGMII,
TBI, RTBI) on UCC1 and UCC2
–
9.6-Kbyte jumbo frames
–
ATM full-duplex SAR, up to 622 Mbps (OC-12/STM-4), AAL0, AAL1, and AAL5 in accordance ITU-T
I.363.5
–
ATM AAL2 CPS, SSSAR, and SSTED up to 155 Mbps (OC-3/STM-1) Mbps full duplex (with 4 CPS packets
per cell) in accordance ITU-T I.366.1 and I.363.2
–
ATM traffic shaping for CBR, VBR, UBR, and GFR traffic types compatible with ATM forum TM4.1 for up
to 64-Kbyte simultaneous ATM channels
–
ATM AAL1 structured and unstructured circuit emulation service (CES 2.0) in accordance with ITU-T I.163.1
and ATM Forum af-vtoa-00-0078.000
–
IMA (Inverse Multiplexing over ATM) for up to 31 IMA links over 8 IMA groups in accordance with the ATM
forum AF-PHY-0086.000 (Version 1.0) and AF-PHY-0086.001 (Version 1.1)
–
ATM Transmission Convergence layer support in accordance with ITU-T I.432
–
ATM OAM handling features compatible with ITU-T I.610
–
PPP, Multi-Link (ML-PPP), Multi-Class (MC-PPP) and PPP mux in accordance with the following RFCs:
1661, 1662, 1990, 2686, and 3153
–
IP support for IPv4 packets including TOS, TTL, and header checksum processing
–
Ethernet over first mile IEEE 802.3ah
–
Shim header
–
Ethernet-to-Ethernet/AAL5/AAL2 inter-working
–
L2 Ethernet switching using MAC address or IEEE Std. 802.1P/Q™ VLAN tags
–
ATM (AAL2/AAL5) to Ethernet (IP) interworking in accordance with RFC2684 including bridging of ATM
ports to Ethernet ports
–
Extensive support for ATM statistics and Ethernet RMON/MIB statistics
–
AAL2 protocol rate up to 4 CPS at OC-3/STM-1 rate
–
Packet over Sonet (POS) up to 622-Mbps full-duplex 124 MultiPHY
–
POS hardware; microcode must be loaded as an IRAM package
–
Transparent up to 70-Mbps full-duplex
–
HDLC up to 70-Mbps full-duplex
–
HDLC BUS up to 10 Mbps
–
Asynchronous HDLC
–UART
–
BISYNC up to 2 Mbps
–
User-programmable Virtual FIFO size
–
QUICC multichannel controller (QMC) for 64 TDM channels
— One multichannel communication controller (MCC) only on the MPC8360E supporting the following:
–
256 HDLC or transparent channels
–
128 SS7 channels
–
Almost any combination of subgroups can be multiplexed to single or multiple TDM interfaces
— Two UTOPIA/POS interfaces on the MPC8360E supporting 124 MultiPHY each (optional 2*128 MultiPHY with
extended address) and one UTOPIA/POS interface on the MPC8358E supporting 31/124 MultiPHY
— Two serial peripheral interfaces (SPI); SPI2 is dedicated to Ethernet PHY management
1.SMII or SGMII media-independent interface is not currently supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com