Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8360VVALFGA Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC8360VVALFGA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360VVALFGA Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC8360VVALFGA Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8360VVALFGA Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8360VVALFGA Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8360VVALFGA Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8360VVALFGA Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8360VVALFGA Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8360VVALFGA Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8360VVALFGA Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8360VVALFGA Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
39
Local Bus AC Electrical Specifications
This table describes the general timing parameters of the local bus interface of the device.
LUPWAIT input hold from local bus clock
tLBIXKH2
1.0
—
ns
3, 4
LALE output fall to LAD output transition (LATCH hold time)
tLBOTOT1
1.5
—
ns
5
LALE output fall to LAD output transition (LATCH hold time)
tLBOTOT2
3.0
—
ns
6
LALE output fall to LAD output transition (LATCH hold time)
tLBOTOT3
2.5
—
ns
7
Local bus clock to LALE rise
tLBKHLR
—4.5
ns
—
Local bus clock to output valid (except LAD/LDP and LALE)
tLBKHOV1
—4.5
ns
—
Local bus clock to data valid for LAD/LDP
tLBKHOV2
—4.5
ns
3
Local bus clock to address valid for LAD
tLBKHOV3
—4.5
ns
3
Output hold from local bus clock (except LAD/LDP and LALE)
tLBKHOX1
1.0
—
ns
3
Output hold from local bus clock for LAD/LDP
tLBKHOX2
1.0
—
ns
3
Local bus clock to output high impedance for LAD/LDP
tLBKHOZ
—3.8
ns
8
Notes:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tLBIXKH1 symbolizes local bus
timing (LB) for the input (I) to go invalid (X) with respect to the time the tLBK clock reference (K) goes high (H), in this case
for clock one (1). Also, tLBKHOX symbolizes local bus timing (LB) for the tLBK clock reference (K) to go high (H), with respect
to the output (O) going invalid (X) or output hold time.
2. All timings are in reference to rising edge of LSYNC_IN.
3. All signals are measured from OVDD/2 of the rising edge of LSYNC_IN to 0.4 × OVDD of the signal in question for 3.3-V
signaling levels.
4. Input timings are measured at the pin.
5. tLBOTOT1 should be used when RCWH[LALE] is not set and when the load on LALE output pin is at least 10 pF less than
the load on LAD output pins.
6. tLBOTOT2 should be used when RCWH[LALE] is set and when the load on LALE output pin is at least 10 pF less than the
load on LAD output pins.
7. tLBOTOT3 should be used when RCWH[LALE] is set and when the load on LALE output pin equals to the load on LAD output
pins.
8. For purposes of active/float timing measurements, the Hi-Z or off-state is defined to be when the total current delivered
through the component pin is less than or equal to the leakage current specification.
Table 41. Local Bus General Timing Parameters—DLL Bypass Mode9
Parameter
Symbol1
Min
Max
Unit
Notes
Local bus cycle time
tLBK
15
—
ns
2
Input setup to local bus clock
tLBIVKH
7—
ns
3, 4
Input hold from local bus clock
tLBIXKH
1.0
—
ns
3, 4
LALE output fall to LAD output transition (LATCH hold time)
tLBOTOT1
1.5
—
ns
5
LALE output fall to LAD output transition (LATCH hold time)
tLBOTOT2
3—
ns
6
LALE output fall to LAD output transition (LATCH hold time)
tLBOTOT3
2.5
—
ns
7
Table 40. Local Bus General Timing Parameters—DLL Enabled (continued)
Parameter
Symbol1
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com