| Electronic Components Datasheet Search |
|
AD6620S/PCB Datasheet(PDF) 43 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD6620S/PCB Datasheet(HTML) 43 Page - Analog Devices |
|
43 / 44 page ![]() AD6620 –43– REV. A CLOCK DVOUT1 DVOUT2 DVOUT3 DVOUT4 AD6620–1 AD6620–2 AD6620–3 AD6620–4 SELECTOR OUTPUT Q I Q IQ I Q I Q I Q I Q I Q I Figure 59. Timing for Parallel Processing OE INPUT LATCHING DOUT1 CLOCK DVOUT1 DOUT2 CLOCK DVOUT2 DOUT3 CLOCK DVOUT3 DOUT4 CLOCK DVOUT4 OE INPUT LATCHING OE INPUT LATCHING OE INPUT LATCHING OUTPUT LATCHING Figure 58. Parallel Processing Output Selector In the Output Selector above each of the DVOUT lines is ANDed with main clock. This allows the data out of each of the AD6620s to be properly latched into the input latches. The DVOUT line is also responsible for placing the latched outputs on the internal bus at the proper time. This data is then latched in the output latch using the internal ORed clocking signals. The timing for these events is shown in Figure 59. As shown, the system clock is run at the specified rate. Then the RCF timing control state machine is responsible for generating the appropriate sync pulses. When each AD6620 completes its SOP computation, it generates the DVOUT pulses shown below. Concur- rently, each chip places its IQ data on the output pins of that device. With this data, the output selector state machine com- bines all of the data and places the data on the output bus. Using the AD6620 in a Narrow Band System A typical interconnection between the AD6600, AD6620 and a General Purpose DSP is shown in Figure 65. This is an example of an IF sampling narrow-band system and offers many techni- cal and cost advantages over traditional solutions. In this example, the AD6620 is in Diversity Channel Real Mode, with the AD6600 sampling a diversity antenna on its B channel. The AD6620 performs floating-point to fixed-point conversion, digital tuning, digital filtering and decimation of the A/D output data. MAIN INPUT DIVERSITY INPUT 2 CLK A/B OUT 3 RSSI BITS 11 DATA BITS ENCODE SCLK SDI SDO SDFS CLK A/B E[2...0] IN[15...5] AD6620 AD6600 SCLK SDO SDI SDFS DSP Figure 60. Implementation of a Narrow Band Receiver The 2 × CLK on the AD6600 is used as the processing CLK of the AD6620. The use of this faster clock allows the RCF filter to process up to twice as many taps per sample. The increased number of taps available helps to improve the filter characteris- tics. In some applications an even faster processing clock may be necessary to allow for improved digital filter performance. In this case the A/B pin of the AD6620 must be toggled when each channel input is to be sampled. For most narrow-band uses of the AD6600/AD6620 combina- tion, a high oversampling ratio is desired. This spreads the quantization noise of the A/D over a wider spectrum and allows the digital filtering of the AD6620 to remove much of this noise. This effectively increases the SNR of the AD6600. This process of oversampling and digital filtering is called “process gain” and its contribution to SNR can be calculated from the equa- tion below. PG Sample Rate of Channel Signal Bandwidth = 10 log __ _ _ The process of oversampling can also provide the benefit of lowering the noise floor of the A/D. This can increase the effec- tive dynamic range of a receiver if the sampling rate is chosen such that the signal harmonics and/or intermodular distortion (IMD) products fall out of the band of interest. In this case these spurs could be filtered by the AD6620 and the quantiza- tion noise would be the dominant dynamic range limitation of the AD6600/AD6620 receiver solution. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |