| Electronic Components Datasheet Search |
|
AD6620S/PCB Datasheet(PDF) 27 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD6620S/PCB Datasheet(HTML) 27 Page - Analog Devices |
|
27 / 44 page ![]() AD6620 –27– REV. A If the AD6620s to be synchronized have identical decimation, then latency through the filter stages will be matched and output data rates for the Sync master’s filter stages will match the cor- responding filter stages of the slave. SYNC M/S MASTER SLAVE SYNC CIC SYNC RCF MASTER SLAVE Figure 42. SYNC_CIC, SYNC_RCF Pins The three SYNC inputs to the control block originate from the same three bidirectional pads from which the three SYNC out- puts are driven. When the AD6620 is a SYNC MASTER, the internal circuitry that generates the SYNC pulse outputs is enabled to the pads. When the AD6620 is a SYNC SLAVE, the internally produced SYNC pulses are three-stated, and the pads are driven from an external input. The capacitance on these pins must be closely monitored since the master responds to the same SYNC pulse as the slave (its own pulse). There is no input requirement to the relative phases of these SYNC pulses. In the absence of SYNC pulses each state machine will free run so the latter decimation filters can be reliably synchronized by the SYNC pulses of an earlier stage. However, when sync pulses are provided externally, setup-and-hold times must be met for each respective input. CONTROL REGISTERS AND ON-CHIP RAM The AD6620 provides a choice of two control ports. It has an 8-bit generic microprocessor port that is used for configuring the device at boot up and dynamically reconfiguring the AD6620 in the system. It also has a synchronous serial port that can also dynamically reconfigure the AD6620 for the desired system operation. All control registers are available from both the serial port and the microprocessor port. These control methods are nonexclusive and the two ports can be used simultaneously. If simultaneous access occurs, the serial port is given precedence over the microprocessor port unless a micro cycle is already under way. The microprocessor port deasserts the RDY signal and waits until the serial access is completed for Mode 0. The microprocessor port does not assert DTACK for Mode 1 until the serial access is completed. Filter Phase Synchronization Like the NCO, the AD6620 filter stages have phase synchroni- zation circuitry enabling multiple AD6620s to be used in appli- cations such as diversity antennas and phased array systems. For any fSAMP, there are MCIC2 possible phases of fSAMP2 at the output of the CIC2 stage. Similarly, at the output of the CIC5 stage, there are MCIC5 possible phases of fSAMP5. This means that at the output of the CIC stages there is already MCIC2 × M CIC5 possible phases of the filtered data. Additional phase uncertainty is introduced by decimation done in the RCF. At the output of the AD6620 there are a total of MCIC2 × M CIC5 × M RCF possible output phases of the data. In diversity systems using multiple AD6620s, it is necessary to ensure that the output of each AD6620 in the system is in phase. A variety of system issues (e.g., not bringing the AD6620s on line at the same time, excessive digital noise) could cause the AD6620s to start out-of-phase or to drift out-of-phase as the system runs. To achieve output phase coherence in such systems the SYNC_CIC and SYNC_RCF pins are provided. The function of these pins is controlled by the SYNC_M/S bit in the Mode Control Register at address 300 hex of internal address space. When the SYNC_M/S bit is high, SYNC_CIC and SYNC_RCF provide synchronization pulses on the rising edge of CLK. When the SYNC_M/S bit is low, SYNC_CIC and SYNC_RCF accept external synchronization pulses sampled on the rising edge of clock. This pulse edge synchronizes the CIC2, CIC5 and RCF filter stages of all AD6620 in the chain. Below is an example of the output SYNC pulse waveforms. The SYNC_NCO pulse is not shown and is described in the preceding NCO Synchronization section. Each SYNC_RCF output pulse is concurrent with a SYNC_CIC pulse. The SYNC_RCF output pulse can be connected to the SYNC_CIC, and SYNC_RCF inputs of another AD6620 to achieve full decimation synchronization. CLK SYNC CIC SYNC RCF Figure 41. SYNC Output Pulses In the example above, MCIC2 = 3, and MCIC5 = 1 as evidenced by the SYNC_CIC pulses that occur every 3 CLK cycles (MCIC2 × MCIC5). MRCF = 3, resulting in SYNC_RCF pulses that are one third as frequent as the SYNC_CIC pulses. In this example full rate input timing is employed such that the input data rate equals the clock rate. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |