Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OC1AI Datasheet(PDF) 2 Page - ATMEL Corporation

Part # OC1AI
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

OC1AI Datasheet(HTML) 2 Page - ATMEL Corporation

  OC1AI Datasheet HTML 1Page - ATMEL Corporation OC1AI Datasheet HTML 2Page - ATMEL Corporation OC1AI Datasheet HTML 3Page - ATMEL Corporation OC1AI Datasheet HTML 4Page - ATMEL Corporation OC1AI Datasheet HTML 5Page - ATMEL Corporation OC1AI Datasheet HTML 6Page - ATMEL Corporation OC1AI Datasheet HTML 7Page - ATMEL Corporation OC1AI Datasheet HTML 8Page - ATMEL Corporation OC1AI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 294 page
background image
2
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
• Special Microcontroller Features
– Dynamic Clock Switching (External/Internal RC/Watchdog Clock) for Power Control, EMC Reduction
– DebugWIRE On-chip Debug (OCD) System
– Hardware In-System Programmable (ISP) via SPI Port
– External and Internal Interrupt Sources
– Interrupt and Wake-up on Pin Change
– Low Power Idle, ADC Noise Reduction, and Power-down Modes
– Enhanced Power-on Reset Circuit
– Programmable Brown-out Detection Circuit
– Internal Calibrated RC Oscillator 8MHz
– 4-16 MHz and 32 KHz Crystal/Ceramic Resonator Oscillators
• Operating Voltage:
– 7 to 16V
– 4.5 to 5.5V Internal Voltage Regulator available for Digital and Logic
• Operating Temperature: –40°C to +85°C
Applications
• Access Control Units
• Animal Identification
• Component Authetication
• Brand Protection
• Automation
• Industrial
• Waste Management
• Process Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com