Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT15 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # PCINT15
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT15 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button PCINT15 Datasheet HTML 2Page - ATMEL Corporation PCINT15 Datasheet HTML 3Page - ATMEL Corporation PCINT15 Datasheet HTML 4Page - ATMEL Corporation PCINT15 Datasheet HTML 5Page - ATMEL Corporation PCINT15 Datasheet HTML 6Page - ATMEL Corporation PCINT15 Datasheet HTML 7Page - ATMEL Corporation PCINT15 Datasheet HTML 8Page - ATMEL Corporation PCINT15 Datasheet HTML 9Page - ATMEL Corporation PCINT15 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 294 page
background image
6
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
1.3
Pin Configuration
Figure 1-5.
Pinout Atmel
® ATA5505 - QFN38 5 mm by 7 mm
1.4
Pin Description
27
26
23
22
25
24
31
38 37 36 35 34 33 32
13 14 15
Atmel
ATA5505
16 17 18 19
30
29
28
5
6
9
10
7
8
1
2
3
4
PA5
PA6
PA7
PB7/RST
PB6
PB5
PB4/XTAL
VDD
OUTPUT
OE
INPUT
MS
GND
PA1
PA0
PB0
PB1
PB2
PB3
RF
GAIN
VS
STBY
VBAT
21
11
20
12
Table 1-1.
Pin Description
Pin
Symbol
Function
1
PA5
PCINT5
ADC5
T1
USCK
SCL
SCK
GPIO Port A – Pin 5
PCINT5 (Pin Change Interrupt 5)
ADC5 (ADC Input Channel 5)
T1 (Timer/Counter1 Clock Input)
USCK (Three-wire Mode USI Alternate Clock Input)
SCL (Two-wire Mode USI Alternate Clock Input)
SCK (SPI Master Clock)
2
PA6
PCINT6
ADC6
AIN0
SS
GPIO Port A – Pin 6
PCINT6 (Pin Change Interrupt 6)
ADC6 (ADC Input Channel 6)
AIN0 (Analog Comparator Negative Input)
SS (SPI Slave Select Input)
3
PA7
PCINT7
ADC7
AIN1
XREF
AREF
GPIO Port A – Pin 7
PCINT7 (Pin Change Interrupt 7)
ADC7 (ADC Input Channel 7)
AIN1 (Analog Comparator Positive Input)
XREF (Internal Voltage Reference Output)
AREF (External Voltage Reference Input)
4
PB7
PCINT15
ADC10
OC1BX
RESET
dW
GPIO Port B – Pin 7
PCINT15 (Pin Change Interrupt 15)
ADC10 (ADC Input Channel 10)
OC1BX (Output Compare and PWM Output B-X for Timer/Counter1)
RESET (Reset input pin)
dW (debugWIRE I/O)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com