Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT15 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # PCINT15
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT15 Datasheet(HTML) 3 Page - ATMEL Corporation

  PCINT15 Datasheet HTML 1Page - ATMEL Corporation PCINT15 Datasheet HTML 2Page - ATMEL Corporation PCINT15 Datasheet HTML 3Page - ATMEL Corporation PCINT15 Datasheet HTML 4Page - ATMEL Corporation PCINT15 Datasheet HTML 5Page - ATMEL Corporation PCINT15 Datasheet HTML 6Page - ATMEL Corporation PCINT15 Datasheet HTML 7Page - ATMEL Corporation PCINT15 Datasheet HTML 8Page - ATMEL Corporation PCINT15 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 294 page
background image
3
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
1.
Description
The Atmel
® ATA5505 is an Atmel AVR® microcontroller with LF-RFID reader/writer front end
and LIN interface for low cost network applications.
The Atmel ATA5505 incorporates the energy-transfer circuit for supplying the transponder. It
consists of an on-chip power supply, an oscillator, and a coil driver optimized for automo-
tive-specific distances. It also includes all signal-processing circuits which are necessary to
transform the small input signal into a microcontroller-compatible signal.
The Atmel ATA5505 integrates a low-power CMOS 8-bit microcontroller based on the Atmel
AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle,
the ATA5505 achieves throughputs approaching 1 MIPS per MHz, allowing the system
designer to optimize power consumption versus processing speed.
The Atmel AVR core combines a rich instruction set with 32 general purpose working regis-
ters. All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two
independent registers to be accessed in a single instruction executed in one clock cycle. The
resulting architecture is more code-efficient while achieving throughputs up to ten times faster
than conventional CISC microcontrollers.
The Atmel ATA5505 provides the following features: 16K byte of in-system programmable
Flash, 512bytes EEPROM, 512bytes SRAM, 16 general purpose I/O lines, 32 general purpose
working registers, one 8-bit timer/counter with compare modes, one 8-bit high speed
timer/counter, a universal serial interface, a LIN controller, internal and external interrupts, an
11-channel, 10-bit ADC, a programmable watchdog timer with internal oscillator, and three
software selectable power saving modes. The Idle mode stops the CPU while allowing the
SRAM, timer/counter, ADC, analog comparator, and interrupt system to continue functioning.
Power-down mode saves the register contents, disabling all chip functions until the next inter-
rupt or hardware reset. To minimize switching noise during ADC conversions, ADC noise
reduction mode stops the CPU and all I/O modules except ADC,
The device is manufactured using Atmel’s high-density non-volatile memory technology. The
on-chip ISP Flash allows the program memory to be re-programmed in-system via an SPI
serial interface, by a conventional non-volatile memory programmer or by an on-chip boot
code running on the Atmel AVR core. The boot program can use any interface to download the
application program in the Flash memory. By combining an 8-bit RISC CPU with in-system
self-programmable Flash on a monolithic chip, the Atmel ATA5505 is a powerful microcon-
troller providing a highly flexible and cost-effective solution to many embedded control
applications.
The Atmel ATA5505 AVR is supported with a full suite of program and system development
tools including: C compilers, macro assemblers, program debuggers/simulators, in-circuit
emulators, and evaluation kits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com