Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24LC256E/P Datasheet(PDF) 10 Page - Microchip Technology

Part # 24LC256E/P
Description  256K I2C CMOS Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256E/P Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24LC256E/P Datasheet HTML 6Page - Microchip Technology 24LC256E/P Datasheet HTML 7Page - Microchip Technology 24LC256E/P Datasheet HTML 8Page - Microchip Technology 24LC256E/P Datasheet HTML 9Page - Microchip Technology 24LC256E/P Datasheet HTML 10Page - Microchip Technology 24LC256E/P Datasheet HTML 11Page - Microchip Technology 24LC256E/P Datasheet HTML 12Page - Microchip Technology 24LC256E/P Datasheet HTML 13Page - Microchip Technology 24LC256E/P Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
24AA256/24LC256/24FC256
DS21203Q-page 10
 2010 Microchip Technology Inc.
FIGURE 6-1:
BYTE WRITE
FIGURE 6-2:
PAGE WRITE
x
Bus Activity
Master
SDA Line
Bus Activity
S
T
A
R
T
Control
Byte
Address
High Byte
Address
Low Byte
Data
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
x = “don’t care” bit
S 101 0
0
A
2
A
1
A
0
P
x
Bus Activity
Master
SDA Line
Bus Activity
S
T
A
R
T
Control
Byte
Address
High Byte
Address
Low Byte
Data Byte 0
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
Data Byte 63
A
C
K
x = “don’t care” bit
S 10 1 0
0
A
2
A
1
A
0
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com