Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24LC256E/P Datasheet(PDF) 25 Page - Microchip Technology

Part # 24LC256E/P
Description  256K I2C CMOS Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256E/P Datasheet(HTML) 25 Page - Microchip Technology

Back Button 24LC256E/P Datasheet HTML 21Page - Microchip Technology 24LC256E/P Datasheet HTML 22Page - Microchip Technology 24LC256E/P Datasheet HTML 23Page - Microchip Technology 24LC256E/P Datasheet HTML 24Page - Microchip Technology 24LC256E/P Datasheet HTML 25Page - Microchip Technology 24LC256E/P Datasheet HTML 26Page - Microchip Technology 24LC256E/P Datasheet HTML 27Page - Microchip Technology 24LC256E/P Datasheet HTML 28Page - Microchip Technology 24LC256E/P Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
 2010 Microchip Technology Inc.
DS21203Q-page 25
24AA256/24LC256/24FC256
/HDG3ODVWLF 'XDO )ODW 1R /HDG 3DFNDJH 0) ± [PP%RG\ >')16@
1RWHV
 3LQ  YLVXDO LQGH[ IHDWXUH PD\ YDU\ EXW PXVW EH ORFDWHG ZLWKLQ WKH KDWFKHG DUHD
 3DFNDJH PD\ KDYH RQH RU PRUH H[SRVHG WLH EDUV DW HQGV
 3DFNDJH LV VDZ VLQJXODWHG
 'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( <0
%6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV
5() 5HIHUHQFH 'LPHQVLRQ XVXDOO\ ZLWKRXW WROHUDQFH IRU LQIRUPDWLRQ SXUSRVHV RQO\
1RWH
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVHVHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW
KWWSZZZPLFURFKLSFRPSDFNDJLQJ
8QLWV
0,//,0(7(56
'LPHQVLRQ /LPLWV
0,1
120
0$;
1XPEHU RI 3LQV
1

3LWFK
H
 %6&
2YHUDOO +HLJKW
$



6WDQGRII
$



&RQWDFW 7KLFNQHVV
$
 5()
2YHUDOO /HQJWK
'
 %6&
2YHUDOO :LGWK
(
 %6&
([SRVHG 3DG /HQJWK
'



([SRVHG 3DG :LGWK
(



&RQWDFW :LGWK
E



&RQWDFW /HQJWK
/



&RQWDFWWR([SRVHG 3DG
.

±
±
NOTE 2
A1
A
A3
NOTE 1
12
E
N
D
EXPOSED PAD
NOTE 1
2
1
E2
L
N
e
b
K
BOTTOM VIEW
TOP VIEW
D2
0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com