Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUI--9 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # TUI--9
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TUI--9 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  TUI--9 Datasheet HTML 1Page - Freescale Semiconductor, Inc TUI--9 Datasheet HTML 2Page - Freescale Semiconductor, Inc TUI--9 Datasheet HTML 3Page - Freescale Semiconductor, Inc TUI--9 Datasheet HTML 4Page - Freescale Semiconductor, Inc TUI--9 Datasheet HTML 5Page - Freescale Semiconductor, Inc TUI--9 Datasheet HTML 6Page - Freescale Semiconductor, Inc TUI--9 Datasheet HTML 7Page - Freescale Semiconductor, Inc TUI--9 Datasheet HTML 8Page - Freescale Semiconductor, Inc TUI--9 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
MRFE6VP61K25HR6 MRFE6VP61K25HSR5 MRFE6VP61K25GSR5
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
--0.5, +133
Vdc
Gate--Source Voltage
VGS
--6.0, +10
Vdc
Storage Temperature Range
Tstg
-- 65 to +150
C
Case Operating Temperature
TC
150
C
Total Device Dissipation @ TC =25C
Derate above 25C
PD
1333
6.67
W
W/C
Operating Junction Temperature (1,2)
TJ
225
C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2,3)
Unit
Thermal Resistance, Junction to Case
CW: Case Temperature 63C, 1250 W CW, IDQ = 100 mA, 230 MHz
RJC
0.15
C/W
Thermal Impedance, Junction to Case
Pulse: Case Temperature 66C, 1250 W Pulse, 100 sec Pulse Width, 20% Duty Cycle,
IDQ = 100 mA, 230 MHz
ZJC
0.03
C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
2, passes 3500 V
Machine Model (per EIA/JESD22--A115)
B, passes 250 V
Charge Device Model (per JESD22--C101)
IV, passes 4000 V
Table 4. Electrical Characteristics (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics (4)
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
—
—
1
Adc
Drain--Source Breakdown Voltage
(VGS =0 Vdc, ID = 100 mA)
V(BR)DSS
133
—
—
Vdc
Zero Gate Voltage Drain Leakage Current
(VDS =50 Vdc, VGS =0 Vdc)
IDSS
—
—
10
Adc
Zero Gate Voltage Drain Leakage Current
(VDS = 100 Vdc, VGS =0 Vdc)
IDSS
—
—
20
Adc
On Characteristics
Gate Threshold Voltage (4)
(VDS =10 Vdc, ID = 1776 Adc)
VGS(th)
1.7
2.2
2.7
Vdc
Gate Quiescent Voltage
(VDD =50 Vdc, ID = 100 mAdc, Measured in Functional Test)
VGS(Q)
1.9
2.2
2.9
Vdc
Drain--Source On--Voltage (4)
(VGS =10 Vdc, ID =2 Adc)
VDS(on)
—
0.15
—
Vdc
Forward Transconductance
(VDS =10 Vdc, ID =30 Adc)
gfs
—
28.0
—
S
Dynamic Characteristics (4)
Reverse Transfer Capacitance
(VDS =50 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
—
2.8
—
pF
Output Capacitance
(VDS =50 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
—
185
—
pF
Input Capacitance
(VDS =50 Vdc, VGS =0 Vdc  30 mV(rms)ac @ 1 MHz)
Ciss
—
562
—
pF
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
4. Each side of device measured separately.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com