Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUI--9 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # TUI--9
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TUI--9 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  TUI--9 Datasheet HTML 1Page - Freescale Semiconductor, Inc TUI--9 Datasheet HTML 2Page - Freescale Semiconductor, Inc TUI--9 Datasheet HTML 3Page - Freescale Semiconductor, Inc TUI--9 Datasheet HTML 4Page - Freescale Semiconductor, Inc TUI--9 Datasheet HTML 5Page - Freescale Semiconductor, Inc TUI--9 Datasheet HTML 6Page - Freescale Semiconductor, Inc TUI--9 Datasheet HTML 7Page - Freescale Semiconductor, Inc TUI--9 Datasheet HTML 8Page - Freescale Semiconductor, Inc TUI--9 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MRFE6VP61K25HR6 MRFE6VP61K25HSR5 MRFE6VP61K25GSR5
1
RF Device Data
Freescale Semiconductor, Inc.
RF Power LDMOS Transistors
High Ruggedness N--Channel
Enhancement--Mode Lateral MOSFETs
These high ruggedness devices are designed for use in high VSWR industrial
(including laser and plasma exciters), broadcast (analog and digital), aerospace
and radio/land mobile applications. They are unmatched input and output
designs allowing wide frequency range utilization, between 1.8 and 600 MHz.
 Typical Performance: VDD =50 Volts,IDQ = 100 mA
Signal Type
Pout
(W)
f
(MHz)
Gps
(dB)
D
(%)
Pulse
(100 sec, 20% Duty Cycle)
1250 Peak
230
24.0
74.0
CW
1250 CW
230
22.9
74.6
Application Circuits (1) — Typical Performance
Frequency
(MHz)
Signal Type
Pout
(W)
Gps
(dB)
D
(%)
27
CW
1300
27
81
40
CW
1300
26
85
81.36
CW
1250
27
84
87.5--108
CW
1100
24
80
144--148
CW
1250
26
78
170--230
DVB--T
225
25
30
352
Pulse
(200 sec,
20% Duty Cycle)
1250
21.5
66
352
CW
1150
20.5
68
500
CW
1000
18
58
1. Contact your local Freescale sales office for additional information on specific
circuit designs.
Load Mismatch/Ruggedness
Frequency
(MHz)
Signal Type
VSWR
Pout
(W)
Test
Voltage
Result
230
Pulse
(100 sec, 20%
Duty Cycle)
>65:1 at all
Phase Angles
1500 Peak
(3 dB
Overdrive)
50
No Device
Degradation
Features
 Unmatched Input and Output Allowing Wide Frequency Range Utilization
 Device can be used Single--Ended or in a Push--Pull Configuration
 Qualified Up to a Maximum of 50 VDD Operation
 Characterized from 30 V to 50 V for Extended Power Range
 Suitable for Linear Application with Appropriate Biasing
 Integrated ESD Protection with Greater Negative Gate--Source Voltage Range
for Improved Class C Operation
 Characterized with Series Equivalent Large--Signal Impedance Parameters
 In Tape and Reel. R6 Suffix = 150 Units, 56 mm Tape Width, 13--inch Reel.
R5 Suffix = 50 Units, 56 mm Tape Width, 13--inch Reel.
Document Number: MRFE6VP61K25H
Rev. 4, 3/2013
Freescale Semiconductor
Technical Data
1.8--600 MHz, 1250 W CW, 50 V
WIDEBAND
RF POWER LDMOS TRANSISTORS
MRFE6VP61K25HR6
MRFE6VP61K25HSR5
MRFE6VP61K25GSR5
(Top View)
Drain A
31
Figure 1. Pin Connections
42 Drain B
Gate A
Gate B
NI--1230--4H
MRFE6VP61K25HR6
NI--1230--4S
MRFE6VP61K25HSR5
Note: The backside of the package is the
source terminal for the transistor.
NI--1230--4S GULL
MRFE6VP61K25GSR5
 Freescale Semiconductor, Inc., 2010--2013. All rights reserved.


Similar Part No. - TUI--9

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
TUI--9 FREESCALE-TUI--9 Datasheet
1Mb / 19P
RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
More results

Similar Description - TUI--9

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF6VP3091N FREESCALE-MRF6VP3091N Datasheet
1Mb / 20P
RF Power LDMOS Transistors Enhancement--Mode Lateral MOSFETs
MRFE6VP8600H FREESCALE-MRFE6VP8600H Datasheet
1Mb / 20P
RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
logo
NXP Semiconductors
AFM906N NXP-AFM906N Datasheet
701Kb / 16P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 1, 8/2016
AFM907N NXP-AFM907N Datasheet
766Kb / 16P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 04/2017
AFT05MP075N NXP-AFT05MP075N Datasheet
1Mb / 21P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 1, 8/2014
AFT09MP055N NXP-AFT09MP055N Datasheet
965Kb / 21P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 7/2013
MRF1K50N NXP-MRF1K50N Datasheet
827Kb / 21P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 11/2016
MMRF1050H NXP-MMRF1050H Datasheet
424Kb / 12P
RF Power LDMOS Transistor High Ruggedness N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 02/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com