Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSCVR Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # FSCVR
Description  Compact Modular Fuse Holders With the Industrys Best Ratings
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FSCVR Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  FSCVR Datasheet HTML 1Page - Cooper Bussmann, Inc. FSCVR Datasheet HTML 2Page - Cooper Bussmann, Inc. FSCVR Datasheet HTML 3Page - Cooper Bussmann, Inc. FSCVR Datasheet HTML 4Page - Cooper Bussmann, Inc. FSCVR Datasheet HTML 5Page - Cooper Bussmann, Inc. FSCVR Datasheet HTML 6Page - Cooper Bussmann, Inc. FSCVR Datasheet HTML 7Page - Cooper Bussmann, Inc. FSCVR Datasheet HTML 8Page - Cooper Bussmann, Inc. FSCVR Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Modular Fuse Holder Specifications and Selection Guide
With
Indicator
Without
Indicator
CHM1DIU
CHM1DU
1
CHM2DIU
CHM2DU
2
CHM3DIU
CHM3DU
3
CHM4DIU
CHM4DU
4
CHM1DNIU
CHM1DNU
1 pole + 1
neutral
CHM3DNIU
CHM3DNU
3 poles +
1 neutral
CHM1DI-48U
UL 48Vdc/30A;
IEC
48Vdc/32A
1
CHM1DNXU
IEC 690V/32A
IEC60269-2
1 neutral
n/a
n/a
CHPV1IU
CHPV1U
1
CHPV2IU
CHPV2U
2
CHCC1DIU
CHCC1DU
1
CHCC2DIU
CHCC2DU
2
CHCC3DIU
CHCC3DU
3
CHCC1DI-48U UL 48Vdc/30A
1
SCCR
Rating
Cooper Bussmann
Fuses
Voltage &
Current
Catalog Number
Agency
Markings
Number
of Poles
Terminal
Rating
Series &
Size
CHPV
CHCC
Class CC
CHM
10x38
and
Midget
UL & IEC;
1000Vdc/30A
UL; CSA;
UL4248-18;
IEC60269-1; CCC
Solid,
Stranded,
Fine
Stranded,
Spade
Lug, Comb
Bus Bar;
Single and
Dual Wire;
75ºC and
90ºC Cu
wire
33kA
UL 600V/30A
200kA
rms sym
UL
600V/30A;
IEC
690V/32A
UR; IEC
60269-2;
CSA; CCC
LP-CC, FNQ-R,
KTK-R
UL; CSA;
CCC
200kA
rms sym
FNQ, KLM, FNM,
KTK, BAF, FWA,
DCM, C10 SERIES,
AGU, BAN, FWC
Solar PV series
IEC
60269-2
UR; IEC
60269-2;
CSA; CCC
Specifications
Agency Information: UL File E14853
Guide IZLT Listed, IZLT2 Recognized
CSA: File 47235, CHPV and CHM - Class 6225-30, CHCC - Class 6225-01
Ratings:
600V/30A (UL)
690V/32A (IEC)
Wire Range:
#18 to #4 (0.8mm2 to 21.1mm2)
Torque Ratings:
30 Lb-In (3.4 N•m) maximum
Flammability Ratings:
UL 94V0, self-extinguishing
Storage & Operating Temperature Range:
-20ºC to +90ºC (indicating)
-20ºC to +120ºC (non-indicating)
Features and Benefits
• High SCCR rated, UL Listed Class CC holder with
indicator option for 600Vac/dc and 48Vdc.
• UL Recognized midget and 10 x 38 holders with
factory assembled neutral pole option.
• Agency ratings up to 1000Vdc for use with solar PV fuses.
• Available remote PLC indication with the CH-PLC
module.
• Rated for use with 75ºC or 90ºC wire, fine stranded
wire, spade terminals and comb-bus bars. Use any
higher temperature rated wire with appropriate derating.
• Complete range of UL Listed and high SCCR rated
1-phase and 3-phase finger-safe comb-bus bars
and power feed lugs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com