Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSCVR Datasheet(PDF) 10 Page - Cooper Bussmann, Inc.

Part # FSCVR
Description  Compact Modular Fuse Holders With the Industrys Best Ratings
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FSCVR Datasheet(HTML) 10 Page - Cooper Bussmann, Inc.

Back Button FSCVR Datasheet HTML 4Page - Cooper Bussmann, Inc. FSCVR Datasheet HTML 5Page - Cooper Bussmann, Inc. FSCVR Datasheet HTML 6Page - Cooper Bussmann, Inc. FSCVR Datasheet HTML 7Page - Cooper Bussmann, Inc. FSCVR Datasheet HTML 8Page - Cooper Bussmann, Inc. FSCVR Datasheet HTML 9Page - Cooper Bussmann, Inc. FSCVR Datasheet HTML 10Page - Cooper Bussmann, Inc. FSCVR Datasheet HTML 11Page - Cooper Bussmann, Inc. FSCVR Datasheet HTML 12Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CH Series Modular Fuse Holder Specifications
Catalog Numbers
Max
No. of
Without
With*
Voltage
17.5mm
Indication
Indication
Size
& Current
IEC
UL
Phase Configuration
Modules Wire Range
Maximum Torque
CH081D
CH081DI
•
1-pole
1
1-16mm
2 (18-8 AWG)
2.5 N•m (22LB-In)
CH081DNX
-
•
1 Neutral Pole
1
CH081DNS
CH081DNSI
•
1-pole + Neutral
1
1-10mm
2 (18-8 AWG)
2.0 N•m (17.5LB-In)
CH081DN
CH081DNI
CH08
IEC
•
1-pole + Neutral
2
CH082D
CH082DI
8x32
400Vac
•
2-pole
2
CH083D
CH083DI
25A
•
3-pole
3
1-16mm
2 (18-8 AWG)
2.5 N•m (22LB-In)
CH083DNS
CH083DNSI
•
3-pole + Neutral
3
CH083DN
CH083DNI
•
3-pole + Neutral
4
CH084D
CH084DI
•
4-pole
4
CHM1DU
CHM1DIU
•
*
1-pole
1
CHM2DU
CHM2DIU
UL
•
*
2-pole
2
CHM3DU
CHM3DIU
CHM
600V/30A;
•
*
3-pole
3
CHM4DU
CHM4DIU
10X38
IEC
•
*
4-pole
4
CHM1DNU
CHM1DNIU
and
690V/32A
•
*
1-pole + Neutral
2
CHM3DNU
CHM3DNIU
Midget
•
*
3-pole + Neutral
4
1-21mm
2 (18-4 AWG)
3.4 N•m (30LB-In)
UL 48Vdc/30A;
–
CHM1DI-48U
IEC
•
*
1-pole
1
48Vdc/32A
CHM1DNXU
–
IEC 690V32A
•
1-pole + Neutral
2
CHPV1U
CHPV1IU
CHPV
UL & IEC;
•
†††
1-pole
1
CHPV2U
CHPV2IU
1000Vdc/30A
•
†††
2-pole
2
CHCC1DU
CHCC1DIU
**
1-pole
1
CHCC2DU
CHCC2DIU
CHCC
UL
**
2-pole
2
1-21mm
2 (18-4 AWG)
3.4 N•m (30LB-In)
CHCC3DU
CHCC3DIU
Class CC
600V/30A
**
3-pole
3
CHCC1DI-48U
–
UL 48Vdc/30A
**
1-pole
1
CH141D
CH141DI
•
1-pole
1.5
CH141DMS
-
UL
•
1-pole + Microswitch
1.5
CH141DNX
-
600Vac/dc
•
1 Neutral Pole
1.5
CH141DN
CH141DNI
40A
•
1-pole + Neutral
3
CH142D
CH142DI
CH14
(5 Watt)
•
†
2-pole
3
2.5-16mm
2 (14-6 AWG)
3.0 N•m (26LB-In)
CH143D
CH143DI
14x51
IEC
•
†
3-pole
4.5
CH143DMS
-
690Vac,
•
3-pole + Microswitch
4.5
CH143DN
CH143DNI
50A
•
3-pole + Neutral
6
CH143DNMS
-
•
3-pole + Neutral + Microswitch
6
CH144D
CH144DI
•
4-pole
6
CH221D
Not
•
†
1-pole
2
CH221DMS
Available
•
1-pole + Microswitch
2
CH221DNX
with
UL
•
1 Neutral Pole
2
CH221DN
local
600Vac/dc,
•
1-pole + Neutral
4
CH222D
neon
CH22
100A
•
†
2-pole
4
2.5-50mm
2 (14-1 AWG)
4.0 N•m (35LB-In)
CH223D
indication
22x58
(9.5 Watt)
•
†
3-pole
6
CH223DMS
(remote
IEC
•
3-pole + Microswitch
6
CH223DN
microswitch
690Vac,
•
†
3-pole + Neutral
8
CH223DNMS
only)
125A
•
3-pole + Neutral + Microswitch
8
CH224D
•
4-pole
8
Class J
Neon
easyID™ Indication
Indication
CH30J1
CH30J1I
CH30J
UL/CSA
††
1-pole
—
1-50mm
2 (18-1 AWG)
1-8 AWG 4.0 N•m (35LB-In)
CH30J2
CH30J2I
30A
600Vac
††
2-pole
—
10-18 AWG 2.7N•m (24LB-IN)
CH30J3
CH30J3I
Class J
††
3-pole
—
CH60J1
CH60J1I
CH60J
UL/CSA
††
1-pole
—
1-50mm
2 (18-1 AWG)
1-8 AWG 4.0 N•m (35LB-In)
CH60J2
CH60J2I
60A
600Vac
††
2-pole
—
10-18 AWG 2.7N•m (24LB-In)
CH60J3
CH60J3I
Class J
††
3-pole
—
† UL Recognized (cURus)
†† UL LIsted (cULus)
††† UL Recognized, Standard 4248-18, CSA
For further details see Data Sheets 2053 (CH08, CHM, CHCC, CH14 AND CH22) and 2144 (CHJ Class J)
*90V miminum required for illumination
***12V mininum required for illumination
8x32 IEC
14x51 IEC
22x58 IEC
PV
UL
IEC
Class J 30A
* UL Recognized, CSA
** UL Listed, CSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com