Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1655ACBZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1655ACBZ-R7
Description  Dual LED Flash Driver with I2C-Compatible Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1655ACBZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1655ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADP1655
Rev. 0 | Page 15 of 24
STATE TRANSITIONS
When the ADP1655 is in flash mode, the TX_MASK pin can
be used to reduce the battery load. The device remains in flash
mode, but the LED driver output current is reduced to the assist
light level. In Figure 34, if the flash was triggered by the strobe
pin in level-sensitive mode, a timeout triggers a timeout fault,
as defined in the Safety Features section.
EXTERNAL
TORCH
FLASH
STANDBY
I2C/EN = 1
ASSIST
LIGHT
OUTPUT OFF
TIMEOUT
OUTPUT ON
STROBE = 1
OUTPUT ON
STROBE DISABLED
MODE = FLASH
MODE = ASSIST LIGHT
STROBE = 1
TX_MASK = 0
STROBE DISABLED
MODE = FLASH
TX_MASK = 0
OUTPUT ON
MODE = ASSIST LIGHT
TORCH NOT
ALLOWED
TORCH = 0
TORCH ALLOWED
MODE = TORCH
OUTPUT ON
STROBE = 1
OUTPUT ON
STROBE DISABLED
MODE = FLASH
OUTPUT OFF
TX_MASK ENABLED
TX_MASK = 1
EN1 = 0
EN2 = 1
Figure 34. I2C Interface Mode: State Transitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com