Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8607 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8607
Description  Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8607 Datasheet(HTML) 1 Page - Analog Devices

  AD8607 Datasheet HTML 1Page - Analog Devices AD8607 Datasheet HTML 2Page - Analog Devices AD8607 Datasheet HTML 3Page - Analog Devices AD8607 Datasheet HTML 4Page - Analog Devices AD8607 Datasheet HTML 5Page - Analog Devices AD8607 Datasheet HTML 6Page - Analog Devices AD8607 Datasheet HTML 7Page - Analog Devices AD8607 Datasheet HTML 8Page - Analog Devices AD8607 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Precision Micropower, Low Noise CMOS,
Rail-to-Rail Input/Output Operational Amplifiers
AD8603/AD8607/AD8609
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Low offset voltage: 50 μV maximum
Low input bias current: 1 pA maximum
Single-supply operation: 1.8 V to 5 V
Low noise: 22 nV/√Hz
Micropower: 50 μA maximum
Low distortion
No phase reversal
Unity gain stable
APPLICATIONS
Battery-powered instrumentation
Multipole filters
Sensors
Low power ASIC input or output amplifiers
GENERAL DESCRIPTION
The AD8603/AD8607/AD8609 are single/dual/quad micro-
power rail-to-rail input and output amplifiers, respectively, that
feature very low offset voltage as well as low input voltage and
current noise.
These amplifiers use a patented trimming technique that achieves
superior precision without laser trimming. The parts are fully
specified to operate from 1.8 V to 5.0 V single supply or from
±0.9 V to ±2.5 V dual supply. The combination of low offsets, low
noise, very low input bias currents, and low power consumption
makes the AD8603/AD8607/AD8609 especially useful in portable
and loop-powered instrumentation.
The ability to swing rail to rail at both the input and output
enables designers to buffer CMOS ADCs, DACs, ASICs, and
other wide output swing devices in low power, single-supply
systems.
The AD8603 is available in a tiny 5-lead TSOT package. The
AD8607 is available in 8-lead MSOP and 8-lead SOIC packages.
The AD8609 is available in 14-lead TSSOP and 14-lead SOIC
packages.
PIN CONFIGURATIONS
OUT 1
V– 2
+IN 3
V+
5
–IN
4
AD8603
TOP VIEW
(Not to Scale)
Figure 1. 5-Lead TSOT (UJ Suffix)
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8607
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead MSOP (RM Suffix)
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8607
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead SOIC (R Suffix)
1
2
3
4
5
6
7
AD8609
–IN A
+IN A
V+
OUT B
–IN B
+IN B
OUT A
14
13
12
11
10
9
8
–IN D
+IN D
V–
OUT C
–IN C
+IN C
OUT D
TOP VIEW
(Not to Scale)
Figure 4. 14-Lead TSSOP (RU Suffix)
OUT A 1
–IN A 2
+IN A 3
V+ 4
OUT D
14
–IN D
13
+IN D
12
V–
11
+IN B 5
+IN C
10
–IN B 6
–IN C
9
OUT B 7
OUT C
8
AD8609
TOP VIEW
(Not to Scale)
Figure 5. 14-Lead SOIC (R Suffix)


Similar Part No. - AD8607

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8607 AD-AD8607 Datasheet
457Kb / 20P
Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8607 AD-AD8607 Datasheet
696Kb / 24P
22 關A, RRIO, CMOS, 18 V
REV. B
AD8607 AD-AD8607 Datasheet
924Kb / 24P
Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD8607 AD-AD8607 Datasheet
210Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV.D
AD8607 AD-AD8607 Datasheet
709Kb / 24P
22 μA, RRIO, CMOS, 18 V Operational Amplifier
Rev. C
More results

Similar Description - AD8607

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
559Kb / 20P
Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
5/04-Data Sheet Changed from Rev. C to Rev. D
OP-184 AD-OP-184 Datasheet
522Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP184 AD-OP184 Datasheet
291Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
AD8613 AD-AD8613 Datasheet
333Kb / 16P
Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
1/06-Rev. A to Rev. B
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8613 AD-AD8613_10 Datasheet
305Kb / 16P
Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
Rev. E
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
logo
Linear Technology
LTC6079 LINER-LTC6079_15 Datasheet
341Kb / 20P
Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
logo
Analog Devices
AD8613 AD-AD8613_16 Datasheet
291Kb / 16P
Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com