Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8607 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8607
Description  Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8607 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8607 Datasheet HTML 3Page - Analog Devices AD8607 Datasheet HTML 4Page - Analog Devices AD8607 Datasheet HTML 5Page - Analog Devices AD8607 Datasheet HTML 6Page - Analog Devices AD8607 Datasheet HTML 7Page - Analog Devices AD8607 Datasheet HTML 8Page - Analog Devices AD8607 Datasheet HTML 9Page - Analog Devices AD8607 Datasheet HTML 10Page - Analog Devices AD8607 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8603/AD8607/AD8609
Rev. C | Page 7 of 16
TEMPERATURE (°C)
–40
0
50
100
350
–25 –10
125
20
35
50
65
80
95
110
5
150
250
300
200
VOL @ 1mA LOAD
VDD – VOH @ 1mA LOAD
VDD – VOH @ 10mA LOAD
VOL @ 10mA LOAD
VS = 5V
TA = 25°C
Figure 12. Output Voltage Swing vs. Temperature
VS = ±2.5V
RL = 100kΩ
CL = 20pF
Φ = 70.9°
1k
10k
100k
1M
10M
FREQUENCY (Hz)
20
–80
–20
80
100
60
40
0
–40
–60
–100
45
–180
–45
180
225
135
90
0
–90
–135
–225
Figure 13. Open-Loop Gain and Phase vs. Frequency
FREQUENCY (kHz)
0.01
0
0.5
4.0
5.0
0.1
1
100
4.5
3.5
3.0
2.0
2.5
1.5
1.0
10
VS = 5V
VIN = 4.9V p-p
TA = 25°C
AV = 1
Figure 14. Closed-Loop Output Voltage Swing vs. Frequency
VS = ±2.5V, ±0.9V
AV = 100
AV = 10
AV = 1
FREQUENCY (Hz)
100
175
350
1575
0
1k
100k
1750
1400
1225
875
1050
700
525
10k
Figure 15. Output Impedance vs. Frequency
FREQUENCY (Hz)
100
–60
–40
100
140
1k
10k
120
80
60
20
40
0
–20
100k
VS = ±2.5V
Figure 16. CMRR vs. Frequency
10
100
1k
10k
100k
FREQUENCY (Hz)
0
140
–40
–60
–20
20
60
40
80
120
100
VS = ±2.5V
Figure 17. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com