| Electronic Components Datasheet Search |
|
PCF8574ATS/3 Datasheet(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8574ATS/3 Datasheet(HTML) 9 Page - NXP Semiconductors |
|
9 / 33 page ![]() PCF8574_PCF8574A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 5 — 27 May 2013 9 of 33 NXP Semiconductors PCF8574; PCF8574A Remote 8-bit I/O expander for I2C-bus with interrupt 8.3 Reading from a port (Input mode) The port must have been previously written to logic 1, which is the condition after power-on reset. To enter the Read mode the master (microcontroller) addresses the slave device and sets the last bit of the address byte to logic 1 (address byte read). The slave will acknowledge and then send the data byte to the master. The master will NACK and then send the STOP condition or ACK and read the input register again. The read of any pin being used as an output will indicate HIGH or LOW depending on the actual state of the pin. If the data on the input port changes faster than the master can read, this data may be lost. The DATA 2 and DATA3 are lost because these data did not meet the setup time and hold time (see Figure 9). Simple code for Read mode: <S> <slave address + read> <ACK> <data in> <ACK> ... <data in> <ACK> <data in> <NACK> <P> Remark: Bold type = generated by slave device. 8.4 Power-on reset When power is applied to VDD, an internal Power-On Reset (POR) holds the PCF8574/74A in a reset condition until VDD has reached VPOR. At that point, the reset condition is released and the PCF8574/74A registers and I2C-bus/SMBus state machine will initialize to their default states of all I/Os to inputs with weak current source to VDD. Thereafter VDD must be lowered below VPOR and back up to the operation voltage for power-on reset cycle. A LOW-to-HIGH transition of SDA while SCL is HIGH is defined as the STOP condition (P). Transfer of data can be stopped at any moment by a STOP condition. When this occurs, data present at the last acknowledge phase is valid (output mode). Input data is lost. Fig 9. Read mode (input) A5 A4 A3 A2 A1 A0 1 A SA6 slave address START condition R/W acknowledge from slave 002aah383 data from port A acknowledge from master SDA 1 no acknowledge from master read from port data at port data from port DATA 1 DATA 4 INT DATA 4 DATA 2 DATA 3 P STOP condition tv(INT) trst(INT) th(D) tsu(D) trst(INT) DATA 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |