Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-RSA Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E39-RSA
Description  Miniature DC Sensor with Built-in Amplifier Offers Vertical or Horizontal Single-Screw Mounting
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-RSA Datasheet(HTML) 4 Page - Omron Electronics LLC

  E39-RSA Datasheet HTML 1Page - Omron Electronics LLC E39-RSA Datasheet HTML 2Page - Omron Electronics LLC E39-RSA Datasheet HTML 3Page - Omron Electronics LLC E39-RSA Datasheet HTML 4Page - Omron Electronics LLC E39-RSA Datasheet HTML 5Page - Omron Electronics LLC E39-RSA Datasheet HTML 6Page - Omron Electronics LLC E39-RSA Datasheet HTML 7Page - Omron Electronics LLC E39-RSA Datasheet HTML 8Page - Omron Electronics LLC E39-RSA Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
E3S-B
E3S-B
5
J
OPERATING RANGE
Parallel Operating Range (Typical)
E3S-BTj
j
j
j
1 (Left and Right)
E3S-BTj
j
j
j
1 (Up and down)
Sensing Distance vs. Set Distance
E3S-BTj
j
j
j
11
E3S-BDj
j
j
j
1 (Left and Right)
E3S-BDj
j
j
j
1 (Up and down)
Dimensions
Unit: mm (inch)
J
SENSORS
E
3S-BT11
E
3S-BT31
22
(0.87)
16
(0.63)
E39-L71 Mounting bracket
M3 X 8
25 (0.98)
1.5
(0.06)
1.3
(0.05)
1.5
(0.06)
25.5 (1.00)
Emitter
10
(0.39)
12.5
(0.49)
3.1
(0.12)
29 (1.14)
28 (1.10)
1
(0.04)
Receiver
Cable
4mmOD,
2 m length
29 (1.14)
10
(0.39)
12.5
(0.49)
28 (1.10)
1
(0.04)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com