Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-RSA Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E39-RSA
Description  Miniature DC Sensor with Built-in Amplifier Offers Vertical or Horizontal Single-Screw Mounting
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-RSA Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E39-RSA Datasheet HTML 2Page - Omron Electronics LLC E39-RSA Datasheet HTML 3Page - Omron Electronics LLC E39-RSA Datasheet HTML 4Page - Omron Electronics LLC E39-RSA Datasheet HTML 5Page - Omron Electronics LLC E39-RSA Datasheet HTML 6Page - Omron Electronics LLC E39-RSA Datasheet HTML 7Page - Omron Electronics LLC E39-RSA Datasheet HTML 8Page - Omron Electronics LLC E39-RSA Datasheet HTML 9Page - Omron Electronics LLC E39-RSA Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
E3S-B
E3S-B
10
J
MUTUAL INTERFERENCE FILTER
J
MOUNTING ADAPTER PLATE
E
39-E8
E
39-L61
2.1
(0.08)
16.2
(0.64)
2.2
(0.09)
28 (1.10)
2.5
(0.10)
14.5
(0.57)
Operation
J
SENSITIVITY ADJUSTMENT
Unlike conventional photoelectric sensors, the variation in the sensitivity of E3S photoelectric sensors is minimal. This means the
sensitivity can be adjusted on only a single photoelectric sensor, and then the adjusters on the other photoelectric sensors can be set to
the same scale position. There is no need to adjust the sensitivity of each photoelectric sensor individually.
Steps
Step 1
Step 2
Step 3
Function
Determine Position A
Determine Position B
Adjust to optimum setting
Sensing
condition
Photoelectric sensor
Target
Photoelectric sensor
Target
Photoelectric sensor
Target
Sensitivity
adjuster
Min
Max
Min
Max
Min
Max
Indicators
OFF
ON
STABILITY
(green)
LIGHT
(red)
OFF
STABILITY
(green)
LIGHT
(red)
OFF
ON
OFF
STABILITY
(green)
LIGHT
(red)
Place target at the desired sensing
distance. Set sensitivity adjuster to the
minimum scale position and gradually
increase sensitivity by turning the
sensitivity adjuster clockwise until the
Light Incident indicator (red LED)
turns ON. Position A designates the
point at which the LED has turned ON.
Remove the target. Starting from the
maximum scale position, gradually
decrease sensitivity by turning the
sensitivity adjuster counterclockwise
until the Light Incident indicator (red
LED) is OFF. Position B designates
the point at which the LED has turned
OFF.
Set the sensitivity indicator to the
position between Positions A and B (in
some cases, Positions A and B are
opposite of the above example). The
photoelectric sensor will then work
normally if the stability indicator
(green) is lit with and without the
target. If it is not lit, stable operation
cannot be expected, in which case a
different detection method should be
applied.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com